Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R4 Datasheet(PDF) 11 Page - u-blox AG

Part # SARA-R4
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R4 Datasheet(HTML) 11 Page - u-blox AG

Back Button SARA-R4 Datasheet HTML 7Page - u-blox AG SARA-R4 Datasheet HTML 8Page - u-blox AG SARA-R4 Datasheet HTML 9Page - u-blox AG SARA-R4 Datasheet HTML 10Page - u-blox AG SARA-R4 Datasheet HTML 11Page - u-blox AG SARA-R4 Datasheet HTML 12Page - u-blox AG SARA-R4 Datasheet HTML 13Page - u-blox AG SARA-R4 Datasheet HTML 14Page - u-blox AG SARA-R4 Datasheet HTML 15Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Interfaces
Page 11 of 43
2 Interfaces
2.1 Power management
2.1.1
Module supply input (VCC)
SARA-R4 series modules must be supplied through the VCC pins by a DC power supply. Voltage must
be stable, because during operation the current drawn from VCC may vary significantly, based on the
power consumption profile of the LTE Cat M1, LTE Cat NB1 and the 2G radio access technologies
(described in the SARA-R4 series system integration manual [2]).
SARA-R412M modules provide separate supply inputs over the three VCC pins:
VCC pins #52 and #53 represent the supply input for the internal RF Power Amplifier, demanding
most of the total current drawn of the module when RF transmission is enabled during a call
VCC pin #51 represents the supply input for the internal baseband Power Management Unit,
demanding minor part of the total current drawn of the module when RF transmission is enabled
during a call
The three VCC pins of SARA-R404M, SARA-R410M and SARA-N410 modules are internally connected
to both the internal Power Amplifier and the internal baseband Power Management Unit.
It is important that the system power supply circuit is able to withstand the maximum pulse current
during a transmit burst at maximum power level (see Table 12).
2.1.2 Generic digital interfaces supply output (V_INT)
SARA-R4 series modules provide a 1.8 V supply rail output on the V_INT pin, which is internally
generated when the module is switched on. The same voltage domain is used internally to supply the
generic digital interfaces of the module. The V_INT supply output can be used in place of an external
discrete regulator.
2.2 Antenna interface
2.2.1 Antenna RF interface (ANT)
The ANT pin represents the RF antenna interface of the module, with a characteristic impedance of
50 .
2.2.2 Antenna detection (ANT_DET)
The ANT_DET pin is an Analog to Digital Converter (ADC) input with a current source provided by
SARA-R4 series modules to sense the antenna presence (as an optional feature). It evaluates the
resistance from the ANT pin to GND by means of an external antenna detection circuit implemented
on the application board (for more details, see the u-blox SARA-R4 series system integration
manual [2] and the SARA-R4 series AT commands manual [1]).
2.3 System functions
2.3.1 Module power-on
SARA-R4 series can be switched on using the following procedure:
Low level on the PWR_ON pin, which is normally set high by an internal pull-up, for a valid time
period when the applied VCC voltage is within the valid operating range (see sections 4.2.3 and
4.2.8). The PWR_ON line has to be driven by open drain, open collector or contact switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com