Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R4 Datasheet(PDF) 33 Page - u-blox AG

Part # SARA-R4
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R4 Datasheet(HTML) 33 Page - u-blox AG

Back Button SARA-R4 Datasheet HTML 29Page - u-blox AG SARA-R4 Datasheet HTML 30Page - u-blox AG SARA-R4 Datasheet HTML 31Page - u-blox AG SARA-R4 Datasheet HTML 32Page - u-blox AG SARA-R4 Datasheet HTML 33Page - u-blox AG SARA-R4 Datasheet HTML 34Page - u-blox AG SARA-R4 Datasheet HTML 35Page - u-blox AG SARA-R4 Datasheet HTML 36Page - u-blox AG SARA-R4 Datasheet HTML 37Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Qualification and approvals
Page 33 of 43
Table 29 summarizes how some of the SARA-R4 series modules are identified by various bodies.
Body
Description
SARA-R410M-01B
SARA-R410M-02B
SARA-R410M-52B
SARA-R412M-02B
PTCRB
Model Name
SARA-R410M
SARA-R410M-02B
SARA-R410M-52B
SARA-R412M
GCF
Model Name
--
--
SARA-R410M-52B
--
Marketing Name
--
--
SARA-R410M-52B
--
GSMA
Model Name
SARA-R410M
SARA-R410M
SARA-R410M-52B
SARA-R412M
Marketing Name
SARA-R410M
SARA-R410M-02B
SARA-R410M-52B
SARA-R412M
FCC US
ID
XPY2AGQN4NNN
XPY2AGQN4NNN
XPY2AGQN4NNN
XPYUBX18ZO01
Product Name
SARA-R410M
SARA-R410M-02B
SARA-R410M-02B
SARA-R412M
ISED Canada
ID
8595A-2AGQN4NNN
8595A-2AGQN4NNN
8595A-2AGQN4NNN
8595A-UBX18ZO01
HVIN
SARA-R410M
SARA-R410M
SARA-R410M
SARA-R412M
PMN
SARA-R410M
SARA-R410M
SARA-R410M
SARA-R412M
RED Europe
Model Name
--
SARA-R410M-02B
--
SARA-R412M
RCM Australia
Model Number
--
SARA-R410M-02B
--
--
AT&T
Model Name
SARA-R410M
SARA-R410M-02B
SARA-R410M-52B
SARA-R412M
Verizon
Model Name
--
SARA-R410M-02B
SARA-R410M-52B
--
Sprint
Model Name
--
SARA-R410M
--
--
T-Mobile US
Model Name
--
--
--
--
Deutsche Telekom
Model Name
--
--
--
--
Vodafone
Model Name
--
--
--
--
Telstra
Model Name
--
SARA-R410M-02B
--
--
Table 29: Summary of some SARA-R4 series modules’ identification by various bodies
6.2 Reliability tests
Tests for product family qualifications according to ISO 16750 “Road vehicles – Environmental conditions and testing for electrical and electronic
equipment”, and appropriate standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com