Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO6 Datasheet(PDF) 20 Page - Microchip Technology

Part # GPIO6
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO6 Datasheet(HTML) 20 Page - Microchip Technology

Back Button GPIO6 Datasheet HTML 16Page - Microchip Technology GPIO6 Datasheet HTML 17Page - Microchip Technology GPIO6 Datasheet HTML 18Page - Microchip Technology GPIO6 Datasheet HTML 19Page - Microchip Technology GPIO6 Datasheet HTML 20Page - Microchip Technology GPIO6 Datasheet HTML 21Page - Microchip Technology GPIO6 Datasheet HTML 22Page - Microchip Technology GPIO6 Datasheet HTML 23Page - Microchip Technology GPIO6 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
USB5806
DS00002236D-page 20
 2016-2018 Microchip Technology Inc.
3.5.2
PORT DISABLE CONFIGURATION (PRT_DIS_P[6:1] / PRT_DIS_M[6:1])
The PRT_DIS_P[6:1] and PRT_DIS_M[6:1] configuration straps are used in conjunction to disable the related port (6-1).
For PRT_DIS_Px (where x is the corresponding port 6-1):
0 = Port x D+ Enabled
1 = Port x D+ Disabled
For PRT_DIS_Mx (where x is the corresponding port 6-1):
0 = Port x D- Enabled
1 = Port x D- Disabled
200 kΩ Pull-Up
CONFIG2
Speed Indicator Mode + SMBus Slave Mode
The SMBus interface will operate in Slave Mode for use with hub configuration.
The following programmable pins will be re-purposed as USB Speed Indicator
outputs:
Pin 63: SPEED_IND1
Pin 61: SPEED_IND2
Pin 56: SPEED_IND3
Pin 60: SPEED_IND4
Pin 50: SPEED_IND5
Pin 71: SPEED_IND6
The SPEED_INDx pins operate in the following manner:
Tri-state: Not connected
0: USB 2.0 / USB 1.1
1: USB 3.1 Gen 1
10 kΩ Pull-Down
CONFIG3
Unused, Reserved
10 kΩ Pull-Up
CONFIG4
Unused, Reserved
10 Ω Pull-Down
CONFIG5
Battery Charging Indicator Mode
The following programmable pins will be re-purposed as USB Battery Charging
Indicator outputs:
Pin 63: BC_IND1
Pin 61: BC_IND2
Pin 56: BC_IND3
Pin 60: BC_IND4
Pin 50: BC_IND5
Pin 71: BC_IND6
The BC_INDx pins operate in the following manner:
Tri-state: Battery Charging not enabled
0: Battery Charging enabled and successful BC handshake has occurred.
1: Battery Charging enabled, but no BC handshake has occurred.
10 Ω Pull-Up
CONFIG6
Unused, Reserved
TABLE 3-11:
CFG_STRAP RESISTOR ENCODING (CONTINUED)
CFG_STRAP
Resistor Value
Config
Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com