Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO6 Datasheet(PDF) 56 Page - Microchip Technology

Part # GPIO6
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO6 Datasheet(HTML) 56 Page - Microchip Technology

Back Button GPIO6 Datasheet HTML 52Page - Microchip Technology GPIO6 Datasheet HTML 53Page - Microchip Technology GPIO6 Datasheet HTML 54Page - Microchip Technology GPIO6 Datasheet HTML 55Page - Microchip Technology GPIO6 Datasheet HTML 56Page - Microchip Technology GPIO6 Datasheet HTML 57Page - Microchip Technology GPIO6 Datasheet HTML 58Page - Microchip Technology GPIO6 Datasheet HTML 59Page - Microchip Technology GPIO6 Datasheet HTML 60Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
USB5806
DS00002236D-page 56
 2016-2018 Microchip Technology Inc.
APPENDIX A: REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00002236D (05-21-18)
Table 3-6
Added pull-down (PD) to buffer type of C_AT-
TACH[0:3] pins.
Section 8.8.2.1, Enabling Port Split-
ting
Updated section and added
USB3_PORT_SPLIT_EN register information.
DS00002236C (08-18-17)
Figure 10-1, Figure 10-2, Figure 10-3 Updated package drawings.
Section 3.2, Pin Symbols, Figure 3-1,
Table 3-4
Removed references to PRT_CTL0 pin.
Table 9-10
Updated max equivalent series resistance to
60Ω.
Table 9-3
Updated values.
DS00002236B (01-20-17)
Figure 4-2, SPI ROM Connections
Modified drawing by changing position of DO
to DI and DI to DO
Table 9-3, Device Power Consump-
tion
Typical power consumption formula added
below table.
Section 8.8.2.1, Enabling Port Split-
ting
Options A and B added.
Throughout data sheet
Changed 62kOhm to 50kOhm
Table 3-1, Pin Reset State Legend
In PD-15k, changed “Hardware enables inter-
nal 62kOhm pull-down” to “Hardware enables
internal 15kOhm pull-down”
DS00002236A (10-03-16)
All
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com