Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3415PSC Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3415PSC
Description  Silicon P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3415PSC Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3415PSC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSC Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSC Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSC Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PJM3415PSC
Silicon P-Channel Power MOSFET
1 / 6
Features
Low Gate Charge and RDS(on)
ESD protected(HBM) up to 2KV
Application
Load switch and in PWM applicatopns
D
S
G
1. Gate 2.Source 3.Drain
Schematic Diagram
Absolute Maximum Ratings
Ratings at TA =25℃ unless otherwise specified.
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
-VDS
20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
-ID
4
A
Power Dissipation
PD
1.4
W
Junction and Storage Temperature Range
TJ, TSTG
150, -55 to 150
°C
Thermal Characteristics
Parameter
Symbol
Typ.
Units
Maximum Junction-to-Ambient Note1
RθJA
89
°C/W
www.pingjingsemi.com
Revision:
1.0 Oct-2019
SOT-23-3
2
1
3


Similar Part No. - PJM3415PSC

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM3415PSA PJSEMI-PJM3415PSA Datasheet
1Mb / 6P
Silicon P-Channel Power MOSFET
PJM3415PSA-4K PJSEMI-PJM3415PSA-4K Datasheet
1Mb / 6P
Silicon P-Channel Power MOSFET
More results

Similar Description - PJM3415PSC

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SJ314-01L FUJI-2SJ314-01L Datasheet
146Kb / 3P
P-CHANNEL SILICON POWER MOSFET
logo
Guangdong Kexin Industr...
2SJ0582 KEXIN-2SJ0582 Datasheet
46Kb / 2P
Silicon P-channel power MOSFET
logo
Fuji Electric
2SJ472-01L FUJI-2SJ472-01L_06 Datasheet
249Kb / 4P
P-CHANNEL SILICON POWER MOSFET
2SJ474-01L FUJI-2SJ474-01L_05 Datasheet
543Kb / 4P
P-CHANNEL SILICON POWER MOSFET
2SJ475-01 FUJI-2SJ475-01_06 Datasheet
300Kb / 4P
P-CHANNEL SILICON POWER MOSFET
2SJ477-01MR FUJI-2SJ477-01MR_06 Datasheet
299Kb / 4P
P-CHANNEL SILICON POWER MOSFET
logo
Shenzhen Foster Semicon...
FIR30P055LG FOSTER-FIR30P055LG Datasheet
5Mb / 7P
Silicon P Channel Power MOSFET
FIR70P04PG FOSTER-FIR70P04PG Datasheet
4Mb / 7P
Silicon P Channel Power MOSFET
logo
Dongguan Pingjingsemi T...
PJM2035PSA PJSEMI-PJM2035PSA Datasheet
1Mb / 6P
Silicon P-Channel Power MOSFET
PJM3415PSA-4K PJSEMI-PJM3415PSA-4K Datasheet
1Mb / 6P
Silicon P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com