Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3415PSC Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3415PSC
Description  Silicon P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3415PSC Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3415PSC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSC Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSC Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSC Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PJM3415PSC
Silicon P-Channel Power MOSFET
3 / 6
Typical Characteristic Curves
0
-4
-8
-12
-16
-20
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
V
GS=-8V
V
GS=-4.5V
V
GS=-2.5V
V
GS=-2.0V
Ta=25℃
Pulsed
V
GS=-1.8V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS (V)
0.0
-1.2
-1.5
0.0
-0.4
-0.8
-1.2
-1.6
-2.0
V
DS=-3V
Pulsed
Ta=25℃
-0.3
-0.6
-0.9
GATE TO SOURCE VOLTAGE V
GS (V)
Transfer Characteristics
Ta=125℃
0
-2
-4
-6
-8
-10
0
20
40
60
80
100
V
GS=-1.8V
V
GS=-2.5V
V
GS=-4.5V
Ta=25℃
Pulsed
R
DS(ON) ID
DRAIN CURRENT I
D (A)
0
8
-10
0
20
40
60
80
100
120
Pulsed
I
D=-4A
Ta=125℃
Ta=25℃
R
DS(ON) - VGS
-2
-4
-6
-
GATE TO SOURCE VOLTAGE V
GS (V)
25
125
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
I
D=250uA
Threshold Voltage
50
75
100
JUNCTION TEMPERATURE T
j (℃)
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
0.01
0.1
1
-
10
-
-
-
Pulsed
Pulsed
Ta=125℃
Ta=25℃
I
S - VSD
SOURCE TO DRAIN VOLTAGE V
SD (V)
-
www.pingjingsemi.com
Revision:
1.0 Oct-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com