Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR1841 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSR1841
Description  TAPE AND BOX TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR1841 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSR1841 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR1841 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR1841 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR1841 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR1841 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR1841 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSR1841 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
T
1.42
0.06
H
2000PCS
Quantity/Box
minimum
1.97
10.4
inch
13.0
-------
REMARK:TBS=Tape And Box Straight Leads
Specification
-------
-------
-------
Description
Overall Thickness
Overall Length
Overall Width
330
H
W
L
265
50
Symbol
mm
Feed Hole Location
Dimensions Symbol Information
•
Adhesive Tape Position
Adhesive Tape Width
Tape Width
W
13.4
340
275
60
10.8
2.4
maxmum
mm
inch
L
Package Dimensions
•
W3
17.5
W1
W2
W0
14.5
0
8.5
0.69
19.0
0.75
9.75
4.0
15.5
0.57
0
0.33
0.61
0.16
0.38
3/6
3.0
0.09
2.3
F
-------
Component Lead Pitch
0.12
TBS-9
-------
-------
-------
-------
-------
-------
TBS-10
TBS-4
TBS-6
TBS-8
TBS-7
TBS-5
TBS-1
TBS-3
TBS-2
-------
Feed Hole To Overall Component Height
Feed Hole Pitch
Center Of Component Location
Overall Taped Package Thickness
Lead Length After Component Height
Lead Location
Feed Hole To Bottom Of Component
Front-To-Rear Deflection
0.96
24.5
25.5
1.0
W0
P2
P
P1
-------
5.1
12.4
4.4
H2
L
-------
19.0
18.4
13.0
7.7
5.8
0.2
-------
0.49
0.17
0.3
0.51
0.23
20.0
36
11.0
19.4
-------
0.75
0.72
1.42
0.43
0.79
0.76
25.5
H1
19.9
24.0
27.5
22.5
△
H
17.5
21.5
-------
1.0
26.5
1.04
28.5
20.9
25.0
23.5
0.78
0.94
1.08
0.89
0.82
0.98
1.12
0.93
18.5
22.5
2.0
0.69
0.85
-------
0.73
0.89
0.08
OPTION
CODE
-------
PART NO. LSR4841/P1-PF/TBS-1
Dimensions Symbol Information
•
SYMBOL ITEMS
Tape Feed Hole Diameter
Page
Minimum
SYMBOL
D
mm
3.8
mm
4.2
inch
0.15
inch
0.17
Maximum
SPECIFICATIONS
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com