Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR1841 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSR1841
Description  TAPE AND BOX TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR1841 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSR1841 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR1841 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR1841 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR1841 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR1841 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR1841 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSR1841 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
-30
°
0
°
30
°
75%
25%
50%
25%
0
50%
100%
60
°
100%
-60
°
75%
Fig.6 Directivity Radiation
4/6
Page
PART NO.
SR CHIP
3.0
2.5
1.5
1.0
0.5
0.0
2.0
60
100
80
0
20
40
-40
-20
0.9
0.8
100
80
5.0
4.0
3.0
2.0
1.0
0.5
0.0
750
700
650
600
1.2
1.1
1.0
60
40
20
0
-20
-40
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1000
100
10
1.0
1000
100
10
1.0
0.1
1.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Forward Current(mA)
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
Typical Electro-Optical Characteristics Current
Ambient Temperature(
℃)
Fig.4 Relative Intensity vs. Temperature
Wavelength (nm)
Ambient Temperature(
℃)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
LSR4841/P1-PF/TBS-1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com