Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR3333 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSR3333
Description  SUPER BRIGHT TOWER TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR3333 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSR3333 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR3333 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR3333 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR3333 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR3333 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR3333 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Tstg
Storage Temperature
-40 ~ +100
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Note : 1.The forward voltage data did not including 0.1V testing tolerance.
2. The luminous intensity data did not including 15% testing tolerance.
660
GaAlAs
LSR3333/H0/A-PF
Water Clear
Red
1.5
630
650
20
90
2.4
220
38
Typical Electrical & Optical Characteristics (Ta=25
)
Peak
wave
length
Pnm
MATERIAL
PART NO
Emitted
Lens
COLOR
20
Min.
Forward
voltage
@
mA(V)
Spectral
halfwidth
nm
Dominant
wave
length
Dnm
Max.
Min.
Viewing
angle
2
1/2
(deg)
Luminous
intensity
@20mA(mcd)
Max. Min. Typ.
*
IF
Forward Current
15
mA
Reverse Current @5V
Operating Temperature
Topr
Ir
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
PD
IFP
-40 ~ +85
10
A
50
70
mW
mA
Absolute Maximum Ratings at Ta=25
Parameter
Symbol
Ratings
Red
UNIT
Page 2/5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com