Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR3333 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSR3333
Description  SUPER BRIGHT TOWER TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR3333 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSR3333 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR3333 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR3333 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR3333 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR3333 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR3333 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Wavelength (nm)
600
0.0
650
700
750
0.5
0.5
100
Fig.5 Relative Intensity vs. Wavelength
1.0
Ambient Temperature(
)
0.8
-40
-20
20
0
40
60
80
Ambient Temperature( )
-40
0.0
-20
0
40
20
60
100
80
1.0
0.9
1.1
Fig.3 Forward Voltage vs. Temperature
1.2
2.5
1.5
1.0
2.0
Fig.4 Relative Intensity vs. Temperature
3.0
3/5
Page
100
5.0
1.0
0.1
Forward Voltage(V)
2.0
3.0
4.0
1.0
10
Forward Current(mA)
1.0
0.0
10
100
1000
0.5
1.0
1.5
2.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
1000
SR CHIP
Fig.2 Relative Intensity vs. Forward Current
2.5
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com