Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2873SQ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SC2873SQ
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SC2873SQ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SC2873SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC2873SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC2873SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC
2873SQ
NPN Transistor
2 / 3
www.pingjingsemi.com
Revision:1.0 Feb-2019
10
1000
0.1
10
1
10
100
1000
0.0
0.2
0.8
1.0
1
10
100
1000
1
1000
10
100
1000
10
1000
10
100
1000
0
2
14
16
0
100
200
300
400
500
600
700
800
900
1000
1000
4
6
8
10
12
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
V
BEsat
——
I
C
T
a=25
℃
T
a=100
℃
β=20
300
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
℃
C
ob
/C
ib
——
V
CB
/V
EB
1
REVERSE VOLTAGE V (V)
20
T
a=100
℃
T
a=25
℃
300
30
3
V
CE=2V
100
COLLECTOR CURRENT I
C
(mA)
I
C
——
V
BE
0.4
0.6
BASE-EMMITER VOLTAGE V
BE
(V)
30
2000
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=2V
300
h
FE
——
I
C
10
100
COLLECTOR CURREMT I
C
(mA)
β=20
300
30
V
CEsat
——
I
c
T
a=25
℃
T
a=100
℃
100
COLLECTOR CURRENT I
c
(mA)
COMMON
EMITTER
T
a=25
℃
Static Characteristic
4.5mA
4mA
3.5mA
3mA
2.5mA
2mA
1.5mA
1mA
I
B=500uA
Typical Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com