Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2873SQ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SC2873SQ
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SC2873SQ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SC2873SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC2873SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC2873SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC
2873SQ
NPN Transistor
1 / 3
www.pingjingsemi.com
Revision:1.0 Feb-2019
Features
⚫
Low Saturation Voltage
⚫
High Speed Switching Time
⚫
As Complementary Type of the PNP Transistor
2SA1213SQ is Recommended.
Absolute Maximum Ratings
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
50
V
Collector Emitter Voltage
VCEO
50
V
Emitter Base Voltage
VEBO
5
V
Collector Current
IC
2
A
Power Dissipation
PD
500
250
°C/W
Junction Temperature
TJ
150
TSTG
-55 to 150
°C
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
O
Y
HFE
70
120
40
-
-
40
140
240
40
Collector Base Cutoff Current
at VCB = 50 V
ICBO
-
-
0.1
μA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
-
0.1
μA
Collector Base Breakdown Voltage
at IC = 100 μA
V(BR)CBO
50
-
-
V
Collector Emitter Breakdown Voltage
at IC = 1 mA
V(BR)CEO
50
-
-
V
Emitter Base Breakdown Voltage
at IE = 100 μA
V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at IC = 1 A, IB = 50 mA
VCE(sat)
-
-
0.5
V
Transition Frequency
at VCE = 2 V, IC = 0.5 A
fT
-
120
-
MHz
Collector Output Capacitance
at VCB = 10 V, IE = 0, f = 1MHz
Cob
-
30
-
pF
SOT-89
1. Base 2. Collector 3.Emitter
Marking: O: MX
Y: MY
20
-
-
Storage Temperature Range
Maximum Junction-to-Ambient
RθJA
°C
mW
Base Emitter Saturation Voltage
at IC = 1 A, IB = 50 mA
VBE(sat)
-
-
1.2
V
DC Current Gain
at VCE = 2 V, IC = 500 mA
at VCE = 2 V, IC = 2 A
Current Gain Group
Unit


Similar Part No. - 2SC2873SQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2873 TOSHIBA-2SC2873 Datasheet
187Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC2873 KEXIN-2SC2873 Datasheet
63Kb / 2P
Silicon PNP Epitaxial Type
logo
SeCoS Halbleitertechnol...
2SC2873 SECOS-2SC2873 Datasheet
219Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Toshiba Semiconductor
2SC2873 TOSHIBA-2SC2873 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
Shenzhen Jin Yu Semicon...
2SC2873 HTSEMI-2SC2873 Datasheet
413Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2873SQ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com