Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT718 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FMMT718
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FMMT718 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FMMT718 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT718 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT718 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT718 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 / 4
www.pingjingsemi.com
Revision:1.0 Dec-2018
FMMT718
PNP Transistor
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain Note1
at -VCE = 2 V, -IC = 10 mA
at -VCE = 2 V, -IC = 100 mA
at -VCE = 2 V, -IC = 2 A
at -VCE = 2 V,-IC = 4 A
HFE
300
300
-
600
520
Collector Base Cutoff Current
at -VCB = 15 V
-ICBO
-
-
100
nA
Emitter Base Cutoff Current
at -VEB = 4 V
-IEBO
-
-
100
nA
Collector Base Breakdown Voltage
at -IC = 100 μA
-
V(BR)CBO
20
-
-
V
Collector Emitter Breakdown Voltage
at -IC = 10 mA
-
V(BR)CEO
20
-
-
V
Emitter Base Breakdown Voltage
at -IE = 100 μA
-
V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage Note1
at -IC = 100 mA, -IB = 10 mA
at -IC =1 A, -IB = 20 mA
at -IC = 1.5 A, -IB = 50 mA
-
VCE(sat)
-
40
mV
Base Emitter Saturation Voltage
at -IC = 1.5 A, -IB = 50 mA
-
VBE(sat)
-
-
1.0
V
Base Emitter Voltage Note1
at -VCE = 2 V, -IC = 2 A
-
VBE(on)
-
-
1.0
V
Transition Frequency
at -VCE = 10 V, -IC = 50 mA
FT
150
-
-
MHz
-
150
300
35
200
200
220
Collector Output Capacitance
at -VCB = 10 V, f= 1MHz
Turn-on Time
at -VCC = 10 V, -IC =1 A , IB1 =IB2 = -20 mA
Turn-off Time
at -VCC = 10 V, -IC =1 A, IB1 =IB2 = -20 mA
Cob
t(on)
t(off)
30
pF
ns
40
670
-
-
-
-
-
-
-
Note: 1. Measured under pulsed conditions, Pulse width ≤ 300 us, Duty cycle ≤ 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com