Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT718 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FMMT718
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FMMT718 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FMMT718 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT718 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT718 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT718 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 / 4
www.pingjingsemi.com
Revision:1.0 Dec-2018
FMMT718
PNP Transistor
Typical Characteristic Curves
-0
-200
-400
-600
-800
-1000
-300
-600
-900
-1200
-1500
-0
-20
-40
-60
-80
-100
0
40
80
120
160
200
-1
-10
-100
-1000
200
400
600
800
1000
0
25
125
150
0.0
0.
2
0.
4
0.
6
0.
8
1.0
-1
-10
-100
-1000
-0
-50
-100
-150
-200
-250
-0
-1
-2
-3
-4
-5
-6
-7
-0
-100
-200
-300
-400
-500
V
CE
=-2V
T
a
=25℃
T
a
=100
oC
BASE-EMITTER VOLTAGE
V
BE
(mV)
I
C
——
V
BE
-1500
-1500
COLLECTOR CURRENT
I
C
(mA)
COLLECTOR CURRENT
I
C
(mA)
V
CE
=-10V
T
a
=25
oC
I
C
f
T
——
V
CE
= -2V
T
a
=100
oC
T
a
=25
oC
COLLECTOR CURRENT
I
C
(mA)
I
C
h
FE
——
50
75
100
AMBIENT TEMPERATURE
T
a
(℃)
P
c
——
T
a
T
a
=25℃
T
a
=100℃
β=30
V
CEsat
——
I
C
COMMON
EMITTER
T
a
=25℃
-0.5mA
-0.45mA
-0.4mA
-0.35mA
-0.3mA
-0.25mA
-0.2mA
-0.15mA
-0.1mA
I
B
=-0.05mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com