Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2222 Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBT2222
Description  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBT2222 Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBT2222 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT2222 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT2222 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT2222 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBT2222/MMBT2222A
NPN Silicon Epitaxial Planar Transistor
1 / 4
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017
Fe
atures
For switching and amplifier applications
SOT-23
Absolute Maximum Ratings (Ta=25℃ )
Parameter
Symbol
Value
Unit
Collector Base Voltage
MMBT2222
MMBT2222A
VCBO
60
75
V
Collector Emitter Voltage
MMBT2222
MMBT2222A
VCEO
30
40
V
Emitter Base Voltage
MMBT2222
MMBT2222A
VEBO
5
6
V
Collector Current
IC
600
mA
Power Dissipation
Ptot
350
mW
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTGg
- 55 to + 150
℃
Characteristics (Ta=25℃ )
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 10 V, IC = 0.1 mA
at VCE = 10 V, IC = 1 mA
at VCE = 10 V, IC = 10 mA
at VCE = 1 V, IC = 150 mA
at VCE = 10 V, IC = 150 mA
at VCE = 10 V, IC = 500 mA
MMBT2222
MMBT2222A
hFE
hFE
hFE
hFE
hFE
hFE
hFE
35
50
75
50
100
30
40
-
-
-
-
300
-
-
-
-
-
-
-
-
-
Collector Base Cutoff Current
at VCB = 50 V
MMBT2222
at VCB = 60 V
MMBT2222A
ICBO
-
-
10
10
nA
Emitter Base Cutoff Current
at VEB = 3 V
IEBO
-
100
nA
Collector Base Breakdown Voltage
at IC = 10 µA
MMBT2222
MMBT2222A
V(BR)CBO
60
75
-
-
V
1
2
3
1.B
2.E
3.C


Similar Part No. - MMBT2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT2222 PHILIPS-MMBT2222 Datasheet
47Kb / 8P
NPN switching transistor
2000 Apr 11
logo
Samsung semiconductor
MMBT2222 SAMSUNG-MMBT2222 Datasheet
67Kb / 2P
NPN (GENERAL PURPOSE TRANSISTOR)
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Weitron Technology
MMBT2222 WEITRON-MMBT2222 Datasheet
367Kb / 6P
NPN General Purpose Transistors
logo
Fairchild Semiconductor
MMBT2222 FAIRCHILD-MMBT2222 Datasheet
49Kb / 4P
NPN General Purpose Amplifier
More results

Similar Description - MMBT2222

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com