Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2222 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBT2222
Description  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBT2222 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBT2222 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT2222 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT2222 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT2222 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBT2222/MMBT2222A
NPN Silicon Epitaxial Planar Transistor
2 / 4
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017
Collector Emitter Breakdown Voltage
at IC = 10 mA
MMBT2222
MMBT2222A
V(BR)CEO
30
40
-
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
MMBT2222
MMBT2222A
V(BR)EBO
5
6
-
-
V
Collector Emitter Saturation Voltage
at IC = 150 mA, IB = 15 mA
MMBT2222
MMBT2222A
at IC = 500 mA, IB = 50 mA
MMBT2222
MMBT2222A
VCE(sat)
-
-
-
-
0.4
0.3
1.6
1
V
Base Emitter Saturation Voltage
at IC = 150 mA, IB = 15 mA
MMBT2222
MMBT2222A
at IC = 500 mA, IB = 50 mA
MMBT2222
MMBT2222A
VBE(sat)
-
0.6
-
-
1.3
1.2
2.6
2
V
Transition Frequency
at VCE = 20 V, -IE = 20 mA, f = 100 MHz
fT
300
-
MHz
Collector Output Capacitance at VCB = 10 V, f = 100 KHz
Cob
-
8
pF
Delay Time
at VCC = 30 V, VBE(OFF) = 0.5 V, IC = 150 mA, IB1 = 15 mA
td
-
10
ns
Rise Time
at VCC = 30 V, VBE(OFF) = 0.5 V, IC = 150 mA, IB1 = 15 mA
tr
-
25
ns
Storage Time
at VCC = 30 V, IC = 150 mA, IB1 = -IB2 = 15 mA
tstg
-
225
ns
Fall Time
at VCC = 30 V, IC = 150 mA, IB1 = -IB2 = 15 mA
tf
-
60
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com