Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTRA101SS Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTRA101SS
Description  PNP Digital Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTRA101SS Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTRA101SS Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA101SS Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA101SS Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA101SS Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA101SS Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA101SS Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
• With built-in bias resistors
• Simplify circuit design
• Reduce a quantity of parts and
manufacturing process
Resistor Values/Marking Code
Type
R1 (KΩ)
R2 (KΩ)
MMBTRA101SS
4.7
4.7
MMBTRA102SS
10
10
MMBTRA103SS
22
22
MMBTRA104SS
47
47
MMBTRA105SS
2.2
47
MMBTRA106SS
4.7
47
Absolute Maximum Ratings (Ta = 25 ℃)
Parameter
Symbol
Value
Unit
Output Voltage
-VO
50
V
Input Voltage
MMBTRA101SS
-VI
20, -10
V
MMBTRA102SS
30, -10
MMBTRA103SS
40, -10
MMBTRA104SS
40, -10
MMBTRA105SS
12, -5
MMBTRA106SS
20, -5
Output Current
-IO
100
mA
Total Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Base
(Input)
Emitter
(Common)
R2
R1
Collector
(Output)
MMBTRA101SS~MMBTRA106SS
PNP Digital Transistor
1.Base 2.Emitter 3.Collector
SOT-23
(TO-236)
1 / 6
www.pingjingsemi.com
Revision:1.0 Jan-2018
Equivalent Circuit
Marking
1BT
2BT
3BT
4BT
5BT
6BT


Similar Part No. - MMBTRA101SS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBTRA101SS SEMTECH_ELEC-MMBTRA101SS Datasheet
168Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Diotec Semiconductor
MMBTRA101SS DIOTEC-MMBTRA101SS Datasheet
157Kb / 2P
SMD Digital PNP Transistors
MMBTRA101SS DIOTEC-MMBTRA101SS Datasheet
167Kb / 2P
SMD Digital PNP Transistors
MMBTRA101SS DIOTEC-MMBTRA101SS_1 Datasheet
167Kb / 2P
SMD Digital PNP Transistors
More results

Similar Description - MMBTRA101SS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
PNP Digital Transistor
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
PNP DIGITAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
PNP Digital Transistor
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
Digital Transistor(PNP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com