Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD0200YR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FD0200YR
Description  DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FD0200YR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FD0200YR Datasheet HTML 1Page - List of Unclassifed Manufacturers FD0200YR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIGURE 1: Current-Voltage Characteristics
+VBO
-VBO
0
+IBO
0
-IBO
∆V+
∆V-
t
t
FIGURE 2
+IF
10mA
IBO
IB
VBO
0.5VBO
-V
+V
-IF
∆V
FIGURE 3: Test Circuit for Output Voltage.
D.U.T.
50Hz
220 VAC
VO
10K
Ω
500K
Ω
R = 20
Ω
0.1
µF
FIGURE 4: Test circuit see Figure 3. Adjust R for Ip = 0.5 A
t r
Ip
90 %
10 %
FD0200YR
DIAC
Feb - 03
PART NUMBER INFORMATION
FAGOR
DIAC
CURRENT
CASE
VOLTAGE
SENSITIVITY
F
D
02
00
Y
R
00
FORMING
AM
PACKAGING



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com