Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD0200YR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FD0200YR
Description  DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FD0200YR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FD0200YR Datasheet HTML 1Page - List of Unclassifed Manufacturers FD0200YR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Silicon bi-directional trigger device
intended for use in thyristor (SCR and
TRIAC) trigger circuits, energy saving
lighting circuits and other switching
functions.
SPECIAL FEATURES:
• Low breakover current.
• Excellent symmetry.
• Very low leakage current.
BREAKOVER VOLTAGE
32 V
ON-STATE CURRENT
2.0 Amps
Feb - 03
Electrical Characteristics at Tamb = 25 ºC
Breakover Voltage *
Breakover Voltage Symmetry
Dynamic breakover voltage *
Output Voltage *
Breakover Current *
Rise Time *
Leakage Current *
VBO
VBO+ - -VBO-
∆V±
VO
IBO
tr
IB
IBO, C = 22nF ** (see Figure 1)
IBO, C = 22nF ** (see Figure 1)
∆I = [I
BO to IF = 10 mA]
(see Figure 1)
(see Figure 3)
C = 22 nF **
(see Figure 4)
VB = 0.5 VBO max
(see Figure 1)
28
5
5
36
50
10
V
V
V
V
µA
µs
µA
PARAMETER
CONDITIONS
Min.
Typ.
Max.
Unit
32
1.5
Thermal Resistance
Junction to Ambient
Junction to leads
R th (j-a)
R th (j-l)
400
150
ºC/W
ºC/W
PARAMETER
CONDITIONS
Min.
Typ.
Max.
Unit
Absolute Maximum Ratings, according to IEC publication No. 134
Total Power Dissipation
Repetitive peak on-state current
Storage Temperature Range
Operating Junction Temperature
Ptot
ITRM
Tstg
Tj
Ta = 65 ºC
tp = 20 µs, f = 100 Hz
-40
-40
150
2
+125
+125
mW
A
ºC
ºC
PARAMETER
CONDITIONS
Min.
Typ.
Max.
Unit
MARKING CODE
P1
** Connected in parallel with the devices.
Mounting instructions
1. Min. distance from body to soldering point,
4 mm.
2. Max. solder temperature, 250 °C.
3. Max. soldering time, 3.5 sec.
4. Do not bend lead at a point closer than
2 mm. to the body.
Dimensions in mm.
DO-35
Glass Axial
Package
3.60 ± 0.55
54.4 ± 0.55
FD0200YR
DIAC
IP
Peak Current *
see Figure 3 (Gate)
± 3
A
0.3
* Applicable to both forward and reverse directions.


Similar Part No. - FD0200YR

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FD0250F FEELING-FD0250F Datasheet
211Kb / 11P
Smart motor driver with embedded Hall sensor
FD0250fR-G1 FEELING-FD0250fR-G1 Datasheet
211Kb / 11P
Smart motor driver with embedded Hall sensor
FD0251B FEELING-FD0251B Datasheet
205Kb / 13P
Smart motor driver with embedded Hall sensor
FD0251bVR-G1 FEELING-FD0251bVR-G1 Datasheet
205Kb / 13P
Smart motor driver with embedded Hall sensor
FD0251F FEELING-FD0251F Datasheet
152Kb / 12P
Smart motor driver with embedded Hall sensor
More results

Similar Description - FD0200YR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMDB3 STMICROELECTRONICS-TMMDB3 Datasheet
51Kb / 4P
DIAC
Mar-2001
logo
Formosa MS
LLDB3 FORMOSA-LLDB3 Datasheet
410Kb / 4P
DIAC
logo
STMicroelectronics
SMDB3 STMICROELECTRONICS-SMDB3 Datasheet
59Kb / 5P
DIAC
Oct-2001
DB3TG STMICROELECTRONICS-DB3TG Datasheet
51Kb / 4P
DIAC
Oct-2001
DB3 STMICROELECTRONICS-DB3_01 Datasheet
62Kb / 5P
DIAC
Oct-2001
logo
SHENZHEN YONGERJIA INDU...
LLDB4 WINNERJOIN-LLDB4 Datasheet
161Kb / 4P
DIAC
LLDB3 WINNERJOIN-LLDB3 Datasheet
131Kb / 4P
DIAC
logo
Kersemi Electronic Co.,...
TMMDB3TG KERSEMI-TMMDB3TG Datasheet
395Kb / 4P
DIAC
TMMDB3 KERSEMI-TMMDB3 Datasheet
395Kb / 4P
DIAC
SMDB3 KERSEMI-SMDB3 Datasheet
404Kb / 5P
DIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com