Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000VSA Datasheet(PDF) 21 Page - Intel Corporation

Part # S5000VSA
Description  Technical Product Specification
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000VSA Datasheet(HTML) 21 Page - Intel Corporation

Back Button S5000VSA Datasheet HTML 17Page - Intel Corporation S5000VSA Datasheet HTML 18Page - Intel Corporation S5000VSA Datasheet HTML 19Page - Intel Corporation S5000VSA Datasheet HTML 20Page - Intel Corporation S5000VSA Datasheet HTML 21Page - Intel Corporation S5000VSA Datasheet HTML 22Page - Intel Corporation S5000VSA Datasheet HTML 23Page - Intel Corporation S5000VSA Datasheet HTML 24Page - Intel Corporation S5000VSA Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Intel® Server Board S5000VSA TPS
Functional Architecture
Revision 1.4
Intel order number – D36978-006
21
Table 1. Processor Support Matrix
Quad-Core Intel
®
Xeon
®
processor 5300 series:
CPU
Number
sSpec
Number
Core
Speed
Bus
Speed
L2
Cache
Size
Core
Stepping
Notes
(See Below)
X5355
SLAC4
2.66 GHz
1333 MHz
8 MB
B3
4,5
X5355
SL9YM
2.66 GHz
1333 MHz
8 MB
B3
4,5
E5345
SLAC5
2.33 GHz
1333 MHz
8 MB
B3
4,5
E5345
SL9YL
2.33 GHz
1333 MHz
8 MB
B3
4,5
E5335
SLAC7
2.00 GHz
1333 MHz
8 MB
B3
4,5
E5335
SL9YK
2.00 GHz
1333 MHz
8 MB
B3
4,5
E5320
SLAC8
1.86 GHz
1066 MHz
8 MB
B3
4,5
E5320
SL9MV
1.86 GHz
1066 MHz
8 MB
B3
4,5
L5320
SLAC9
1.86 GHz
1066 MHz
8 MB
B3
4,5,6
L5320
SLA4Q
1.86 GHz
1066 MHz
8 MB
B3
4,5,6
E5310
SLACB
1.60 GHz
1066 MHz
8 MB
B3
4,5
E5310
SL9XR
1.60 GHz
1066 MHz
8 MB
B3
4,5
L5310
SLACA
1.60 GHz
1066 MHz
8 MB
B3
4,5,6
L5310
SLAEQ
1.60 GHz
1066 MHz
8 MB
B3
4,5,6
L5310
SL9MT
1.60 GHz
1066 MHz
8 MB
B3
4,5,6
Dual-Core Intel
®
Xeon
®
processor 5100 series:
CPU
Number
sSpec
Number
Core
Speed
Bus
Speed
L2
Cache
Size
Core
Stepping
Notes
(See Below)
5160
SLABS
3.00 GHz
1333 MHz
4 MB
B2
2
5160
SL9RT
3.00 GHz
1333 MHz
4 MB
B2
2
5150
SLABM
2.66 GHz
1333 MHz
4 MB
B2
2
5150
SL9RU
2.66 GHz
1333 MHz
4 MB
B2
2
5148
SLABH
2.33 GHz
1333 MHz
4 MB
B2
2,3, 7
5148
SL9RR
2.33 GHz
1333 MHz
4 MB
B2
2,7
5140
SLABN
2.33 GHz
1333 MHz
4 MB
B2
2
5140
SL9RW
2.33 GHz
1333 MHz
4 MB
B2
2
5138
SL9RN
2.13 GHz
1066 MHz
4 MB
B2
8
5130
SLABP
2.00 GHz
1333 MHz
4 MB
B2
2
5130
SL9RX
2.00 GHz
1333 MHz
4 MB
B2
2
5120
SLABQ
1.86 GHz
1066 MHz
4 MB
B2
2
5120
SL9RY
1.86 GHz
1066 MHz
4 MB
B2
2
5110
SLABR
1.60 GHz
1066 MHz
4 MB
B2
2
5110
SL9RZ
1.60 GHz
1066 MHz
4 MB
B2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com