Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000VSA Datasheet(PDF) 54 Page - Intel Corporation

Part # S5000VSA
Description  Technical Product Specification
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000VSA Datasheet(HTML) 54 Page - Intel Corporation

Back Button S5000VSA Datasheet HTML 50Page - Intel Corporation S5000VSA Datasheet HTML 51Page - Intel Corporation S5000VSA Datasheet HTML 52Page - Intel Corporation S5000VSA Datasheet HTML 53Page - Intel Corporation S5000VSA Datasheet HTML 54Page - Intel Corporation S5000VSA Datasheet HTML 55Page - Intel Corporation S5000VSA Datasheet HTML 56Page - Intel Corporation S5000VSA Datasheet HTML 57Page - Intel Corporation S5000VSA Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
Design and Environmental Specifications
Intel® Server Board S5000VSA TPS
Revision 1.4
Intel order number – D36978-006
54
8.
Design and Environmental Specifications
8.1 Server Board Design Specification
Operation of the server board at conditions beyond those shown in the following table may
cause permanent damage to the system. Exposure to absolute maximum rating conditions for
extended periods may affect system reliability.
Table 26: Board Design Specifications
Operating Temperature
5º C to 50º C
1 (32º F to 131º F)
Non-Operating Temperature
-40º C to 70º C (-40º F to 158º F)
DC Voltage
± 5% of all nominal voltages
Shock (Unpackaged)
Trapezoidal, 50 g, 170 inches/sec
Shock (Packaged) (≥ 40 lbs to < 80 lbs)
24 inches
Vibration (Unpackaged)
5 Hz to 500 Hz 3.13 g RMS random
Note:
Chassis design must provide proper airflow to avoid exceeding the Dual-Core Intel
® Xeon®
processor 5000 sequence maximum case temperature.
Disclaimer Note
: Intel Corporation server boards contain a number of high-density VLSI and
power delivery components that need adequate airflow to cool. Intel ensures through its own
chassis development and testing that when Intel server building blocks are used together, the
fully integrated system will meet the intended thermal requirements of these components. It is
the responsibility of the system integrator who chooses not to use Intel developed server
building blocks to consult vendor datasheets and operating parameters to determine the amount
of air flow required for their specific application and environmental conditions. Intel Corporation
cannot be held responsible, if components fail or the server board does not operate correctly
when used outside any of their published operating or non-operating limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com