Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M01-SS2 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # M01-SS2
Description  SMART ARM-based Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

M01-SS2 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button M01-SS2 Datasheet HTML 16Page - ATMEL Corporation M01-SS2 Datasheet HTML 17Page - ATMEL Corporation M01-SS2 Datasheet HTML 18Page - ATMEL Corporation M01-SS2 Datasheet HTML 19Page - ATMEL Corporation M01-SS2 Datasheet HTML 20Page - ATMEL Corporation M01-SS2 Datasheet HTML 21Page - ATMEL Corporation M01-SS2 Datasheet HTML 22Page - ATMEL Corporation M01-SS2 Datasheet HTML 23Page - ATMEL Corporation M01-SS2 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
6.
Agency Certification
6.1.
United States (FCC)
This equipment complies with Part 15 of the FCC rules and regulations. To fulfill FCC Certification
requirements, an OEM manufacturer must comply with the following regulations:
1.
This equipment (SAM R21 Xplained Pro) is for use for evaluation purposes only and must not be
incorporated into any other device or system.
Important: 
This equipment complies with Part 15 of the FCC Rules. Operation is subject to the following
two conditions: (1) this device may not cause harmful interference, and (2) this device must
accept any interference received, including interference that may cause undesired operation
(FCC 15.19).
The internal / external antenna(s) used for this mobile transmitter must provide a separation distance of at
least 20cm from all persons and must not be colocated or operating in conjunction with any other antenna
or transmitter.
Installers must be provided with antenna installation instructions and transmitter operating conditions for
satisfying RF exposure compliance. This device is approved as a mobile device with respect to RF
exposure compliance, and may only be marketed to OEM installers. Use in portable exposure conditions
(FCC 2.1093) requires separate equipment authorization.
Important: 
Modifications not expressly approved by this company could void the user's authority to operate
this equipment (FCC section 15.21).
Important: 
This equipment has been tested and found to comply with the limits for a Class A digital device,
pursuant to Part 15 of the FCC Rules. These limits are designed to provide reasonable
protection against harmful interference when the equipment is operated in a commercial
environment. This equipment generates, uses, and can radiate radio frequency energy and, if
not installed and used in accordance with the instruction manual, may cause harmful
interference to radio communications. Operation of this equipment in a residential area is likely
to cause harmful interference in which case the user will be required to correct the interference
at his own expense (FCC section 15.105).
6.2.
European Union (ETSI)
The SAM R21 Xplained Pro Evaluation kits has been certified for use in European Union countries. A
Declaration of Conformity must be issued for each of these standards and kept on file as described in
Annex II of the R&TTE Directive.
Furthermore, the manufacturer must maintain a copy of the modules' documentation and ensure the final
product does not exceed the specified power ratings, antenna specifications, and/or installation
Atmel SAM R21 Xplained Pro [USER GUIDE]
Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com