Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M01-SS2 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # M01-SS2
Description  SMART ARM-based Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

M01-SS2 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button M01-SS2 Datasheet HTML 17Page - ATMEL Corporation M01-SS2 Datasheet HTML 18Page - ATMEL Corporation M01-SS2 Datasheet HTML 19Page - ATMEL Corporation M01-SS2 Datasheet HTML 20Page - ATMEL Corporation M01-SS2 Datasheet HTML 21Page - ATMEL Corporation M01-SS2 Datasheet HTML 22Page - ATMEL Corporation M01-SS2 Datasheet HTML 23Page - ATMEL Corporation M01-SS2 Datasheet HTML 24Page - ATMEL Corporation M01-SS2 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
requirements as specified in the user manual. If any of these specifications are exceeded in the final
product, a submission must be made to a notified body for compliance testing to all required standards.
Important: 
The 'CE' marking must be affixed to a visible location on the OEM product. The CE mark shall
consist of the initials "CE" taking the following form:
•
The CE marking must have a height of at least 5mm except where this is not possible on
account of the nature of the apparatus.
•
The CE marking must be affixed visibly, legibly, and indelibly.
More detailed information about CE marking requirements you can find at "DIRECTIVE
1999/5/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL" on 9 March 1999 at
section 12.
6.3.
Canada (IC)
This device complies with Industry Canada licence-exempt RSS standard(s). Operation is subject to the
following two conditions: (1) this device may not cause interference, and (2) this device must accept any
interference, including interference that may cause undesired operation of the device.
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils radio exempts
de licence. L'exploitation est autorisée aux deux conditions suivantes: (1) l'appareil ne doit pas produire
de brouillage, et (2) l'utilisateur de l'appareil doit accepter tout brouillage radioélectrique subi, même si le
brouillage est susceptible d'en compromettre le fonctionnement.
This equipment complies with radio frequency exposure limits set forth by Industry Canada for an
uncontrolled environment. This equipment should be installed and operated with minimum distance 20cm
between the device and the user or bystanders.
Cet équipement est conforme aux limites d'exposition aux radiofréquences définies par Industrie Canada
pour un environnement non contrôlé. Cet équipement doit être installé et utilisé avec un minimum de
20cm de distance entre le dispositif et l'utilisateur ou des tiers
Important: 
Any changes or modifications not expressly approved by the party responsible for compliance
could void the user’s authority to operate the equipment.
6.4.
List of Antennas Tested With This Product
Table 6-1. List of Tested Antennas
Antenna number Make
Model/part #
Antenna gain [dBi] Type of antenna
Antenna 1
Johanson Technology 2450AT18D0100 1.5dBi
Ceramic Antenna
Antenna 2
Techfun Co., Ltd
M01-SS2
0dBi
External Antenna
Atmel SAM R21 Xplained Pro [USER GUIDE]
Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com