Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTRC101SS Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTRC101SS
Description  NPN Digital Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTRC101SS Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTRC101SS Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRC101SS Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRC101SS Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRC101SS Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRC101SS Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRC101SS Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
• With built-in bias resistors
• Simplify circuit design
• Reduce a quantity of parts and
manufacturing process
Resistor Values/Marking Code
Type
R1 (KΩ)
R2 (KΩ)
MMBTRC101SS
4.7
4.7
MMBTRC102SS
10
10
MMBTRC103SS
22
22
MMBTRC104SS
47
47
MMBTRC105SS
2.2
47
MMBTRC106SS
4.7
47
Absolute Maximum Ratings (Ta = 25 ℃)
Parameter
Symbol
Value
Unit
Output Voltage
VO
50
V
Input Voltage
MMBTRC101SS
VI
20, -10
V
MMBTRC102SS
30, -10
MMBTRC103SS
40, -10
MMBTRC104SS
40, -10
MMBTRC105SS
12, -5
MMBTRC106SS
20, -5
Output Current
IO
100
mA
Total Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Base
(Input)
Emitter
(Common)
R2
R1
Collector
(Output)
MMBTRC101SS~MMBTRC106SS
NPN Digital Transistor
1.Base 2.Emitter 3.Collector
SOT-23
(TO-236)
1 / 6
www.pingjingsemi.com
Revision:1.0 Jan-2018
Marking
1BR
2BR
3BR
4BR
5BR
6BR


Similar Part No. - MMBTRC101SS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBTRC101SS DIOTEC-MMBTRC101SS Datasheet
111Kb / 2P
Surface Mount Bias Resistor Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTRC101SS SEMTECH_ELEC-MMBTRC101SS Datasheet
176Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
Diotec Semiconductor
MMBTRC101SS DIOTEC-MMBTRC101SS Datasheet
113Kb / 2P
Surface Mount Bias Resistor Transistors
logo
Surge Components
MMBTRC101SS SURGE-MMBTRC101SS Datasheet
837Kb / 5P
NPN Silicon Epitaxial planar Transistor
logo
Diotec Semiconductor
MMBTRC101SS DIOTEC-MMBTRC101SS_15 Datasheet
113Kb / 2P
Surface Mount Bias Resistor Transistors
More results

Similar Description - MMBTRC101SS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTC143ZCA-SOT-23 JIANGSU-DTC143ZCA-SOT-23 Datasheet
48Kb / 1P
DIGITAL TRANSISTOR(NPN)
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Micro Commercial Compon...
DTC114TE MCC-DTC114TE_11 Datasheet
211Kb / 3P
NPN Digital Transistor
DTC114TUA MCC-DTC114TUA_11 Datasheet
220Kb / 3P
NPN Digital Transistor
DTC144TCA MCC-DTC144TCA_11 Datasheet
207Kb / 3P
NPN Digital Transistor
logo
Shenzhen Jin Yu Semicon...
EMH3 HTSEMI-EMH3 Datasheet
481Kb / 1P
DIGITAL TRANSISTOR (NPN NPN)
EMH4 HTSEMI-EMH4 Datasheet
447Kb / 1P
digital transistor (NPN NPN)
EMH9 HTSEMI-EMH9 Datasheet
546Kb / 1P
digital transistor (NPN NPN)
UMG2N HTSEMI-UMG2N Datasheet
1,003Kb / 1P
DIGITAL TRANSISTOR (NPN NPN)
UMH15N HTSEMI-UMH15N Datasheet
860Kb / 1P
DIGITAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com