Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71 Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT79L71
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 81Page - Exar Corporation XRT79L71 Datasheet HTML 82Page - Exar Corporation XRT79L71 Datasheet HTML 83Page - Exar Corporation XRT79L71 Datasheet HTML 84Page - Exar Corporation XRT79L71 Datasheet HTML 85Page - Exar Corporation XRT79L71 Datasheet HTML 86Page - Exar Corporation XRT79L71 Datasheet HTML 87Page - Exar Corporation XRT79L71 Datasheet HTML 88Page - Exar Corporation XRT79L71 Datasheet HTML 89Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
73
0x1F04
Transmit ATM Status Register - Byte 3
R/O
0x00
0x1F05
Transmit ATM Status Register - Byte 2
R/O
0x00
0x1F06
Transmit ATM Status Register - Byte 1
R/O
0x00
0x1F07
Transmit ATM Status Register - Byte 0
R/O
0x00
0x1F08 - 0x1F0A
Reserved
0x1F0B
Transmit ATM Cell Processor Interrupt Status RegisterTransmit PPP
Interrupt Status Register
RUR
0x00
0x1F0C - 0x1F0E
Reserved
0x1F0F
Transmit ATM Cell Processor Interrupt Enable Register Transmit PPP
Interrupt Enable Register
R/W
0x00
0x1F10 - 0x1F12
Reserved
0x1F13
Transmit ATM Cell Insertion/Extraction Memory Control Register
R/O & R/
W
0x00
0x1F14
Transmit ATM Cell Insertion/Extraction Data Register - Byte 3
R/O & R/
W
0x00
0x1F15
Transmit ATM Cell Insertion/Extraction Data Register - Byte 2
R/O & R/
W
0x00
0x1F16
Transmit ATM Cell Insertion/Extraction Data Register - Byte 1
R/O & R/
W
0x00
0x1F17
Transmit ATM Cell Insertion/Extraction Data Register - Byte 0
R/O & R/
W
0x00
0x1F18
Transmit ATM - Idle Cell Header Byte # 1 Register
R/W
0x00
0x1F19
Transmit ATM - Idle Cell Header Byte # 2 Register
R/W
0x00
0x1F1A
Transmit ATM - Idle Cell Header Byte # 3 Register
R/W
0x00
0x1F1B
Transmit ATM - Idle Cell Header Byte # 4 Register
R/W
0x00
0x1F1C - 0x1F1E
Reserved
0x1F1F
Transmit ATM - Idle Cell Payload Byte Register
R/W
0x00
0x1F20
Transmit ATM - Test Cell Header Byte # 1 Register
R/W
0x00
0x1F21
Transmit ATM - Test Cell Header Byte # 2 Register
R/W
0x00
0x1F22
Transmit ATM - Test Cell Header Byte # 3 Register
R/W
0x00
0x1F23
Transmit ATM - Test Cell Header Byte # 4 Register
R/W
0x00
0x1F24 - 0x1F27
Reserved
0x1F28
Transmit ATM Cell Count Register - Byte 3
RUR
0x00
RECEIVE ATM CELL PROCESSOR/PPP PROCESSOR BLOCK CONTROL REGISTERS
ADDRESS LOCATION
REGISTER NAME
TYPE
DEFAULT
VALUE
CHANNEL CONTROL REGISTERS
RECEIVE ATM CELL PROCESSOR/PPP PROCESSOR BLOCK CONTROL REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com