Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71 Datasheet (PDF) - Exar Corporation

XRT79L71 Datasheet PDF - Exar Corporation
Part # XRT79L71
Download  XRT79L71 Download
File Size   4346.02 Kbytes
Page   441 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC

XRT79L71 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT79L71 Datasheet PDF - Exar Corporation

Part # XRT79L71
Download  XRT79L71 Click to download

File Size   4346.02 Kbytes
Page   441 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC

XRT79L71 Datasheet (HTML) - Exar Corporation


XRT79L71 Product details

GENERAL DESCRIPTION
The XRT79L71 is a single channel, integrated DS3/E3 framing controller and Line Interface Unit with Jitter Attenuator that is designed to support Frame processing. For Clear-Channel Framer applications, this device supports the transmission and reception of “user data” via the DS3/E3 payload.
The XRT79L71 includes DS3/E3 Framing, Line Interface Unit with Jitter Attenuator that supports mapping of HDLC framed data. A flexible parallel microprocessor interface is provided for configuration and control.

GENERAL FEATURES:
● Integrated T3/E3 Line Interface Unit
● Integrated Jitter Attenuator that can be selected
   either in Receive or Transmit path
● HDLC Controller that provides the mapping/
   extraction of either bit or byte mapped
   encapsulated packet from DS3/E3 Frame.
● Contains on-chip 16 cell FIFO (configurable in
   depths of 4, 8, 12 or 16 cells), in both the Transmit
   (TxFIFO) and Receive Directions (RxFIFO)
● Contains on-chip 54 byte Transmit and Receive
   OAM Cell Buffer for transmission, reception and
   processing of OAM Cells
● Supports M13 and C-Bit Parity Framing Formats
● Supports DS3/E3 Clear-Channel Framing.
● Includes PRBS Generator and Receiver
● Supports Line, Cell, and PLCP Loop-backs
● Interfaces to 8 Bit wide Intel, Motorola, PowerPC,
   and Mips µPs
● Low power 3.3V, 5V Input Tolerant, CMOS
● Available in 208 STBGA Package
● JTAG Interface (Continue ...)

APPLICATIONS
● Digital Access and Cross Connect Systems
● 3G Base Stations
● DSLAMs




Similar Part No. - XRT79L71

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT79L71 EXAR-XRT79L71 Datasheet
1Mb / 109P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT79L71 EXAR-XRT79L71 Datasheet
5Mb / 434P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT79L71IB EXAR-XRT79L71IB Datasheet
1Mb / 109P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT79L71IB EXAR-XRT79L71IB Datasheet
5Mb / 434P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT79L71 EXAR-XRT79L71_07 Datasheet
1Mb / 109P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
More results


Similar Description - XRT79L71

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
DS3/E3 FRAMER IC
XRT72L71 EXAR-XRT72L71 Datasheet
1Mb / 102P
DS3 ATM UNI/CLEAR CHANNEL FRAMER
XRT74L73 EXAR-XRT74L73 Datasheet
2Mb / 488P
3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT74L74 EXAR-XRT74L74 Datasheet
3Mb / 498P
4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT79L72 EXAR-XRT79L72 Datasheet
800Kb / 72P
2 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L73 EXAR-XRT79L73 Datasheet
466Kb / 71P
3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L74 EXAR-XRT79L74 Datasheet
876Kb / 70P
4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71_07 Datasheet
1Mb / 109P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com