Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L71 Datasheet (PDF) - Exar Corporation

XRT72L71 Datasheet PDF - Exar Corporation
Part # XRT72L71
Download  XRT72L71 Download
File Size   1072.19 Kbytes
Page   102 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DS3 ATM UNI/CLEAR CHANNEL FRAMER

XRT72L71 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT72L71 Datasheet PDF - Exar Corporation

Part # XRT72L71
Download  XRT72L71 Click to download

File Size   1072.19 Kbytes
Page   102 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DS3 ATM UNI/CLEAR CHANNEL FRAMER

XRT72L71 Datasheet (HTML) - Exar Corporation


XRT72L71 Product details

GENERAL DESCRIPTION
The XRT72L71 DS3 ATM User Network Interface (UNI)/Clear-Channel Framer is designed to function as either a DS3 ATM UNI or Clear channel framer. For ATM UNI applications, this device provides the ATM Physical Layer (Physical Medium Dependent and Transmission Convergence sub-layers) interface for both the public and private networks at DS3 rates. For Clear-Channel framer applications, this device supports the transmission and reception of “user data” via the DS3 payload bits.

FEATURES
• Compliant with UTOPIA Level 1 and 2 with 8 or 16 Bit Interface Specification and supports UTOPIA Bus speeds of up to 50 MHz
• Contains on-chip 16 cell FIFO in both the Transmit (TxFIFO) and Receive Directions (RxFIFO)
• Contains on-chip 54 byte Transmit OAM Cell buffer and a 108 byte Receive OAM cell buffer, for transmission, reception and processing of OAM cells.
• Supports PLCP or ATM Direct Mapping modes
• Supports M13 and C-Bit Parity Framing Formats
• Supports DS3 Clear Channel Framing Applications
• Includes PRBS Generator and Receiver
• Supports Local, Remote-Line, Cell, and PLCP Loop-backs
• Interfaces to 8 or 16 Bit wide Motorola and Intel µPs
• Low power 3.3V, 5V input tolerant, CMOS
• 160 pin PQFP Package
• 3 and 4 Channel Version also Available

APPLICATIONS
• Private User Network Interfaces
• ATM Switches
• ATM Concentrators
• DSLAM Equipment
• DS3 Frame Relay Equipment




Similar Part No. - XRT72L71

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L13 EXAR-XRT72L13 Datasheet
4Mb / 370P
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13IQ EXAR-XRT72L13IQ Datasheet
4Mb / 370P
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50IQ EXAR-XRT72L50IQ Datasheet
2Mb / 471P
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results


Similar Description - XRT72L71

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90733 MITEL-MT90733 Datasheet
52Kb / 8P
CMOS DS3 Framer (DS3F)
logo
Exar Corporation
XRT72L13 EXAR-XRT72L13 Datasheet
4Mb / 370P
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT74L73 EXAR-XRT74L73 Datasheet
2Mb / 488P
3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT74L74 EXAR-XRT74L74 Datasheet
3Mb / 498P
4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT79L72 EXAR-XRT79L72 Datasheet
800Kb / 72P
2 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L73 EXAR-XRT79L73 Datasheet
466Kb / 71P
3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L74 EXAR-XRT79L74 Datasheet
876Kb / 70P
4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71_07 Datasheet
1Mb / 109P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com