Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L13 Datasheet (PDF) - Exar Corporation

XRT72L13 Datasheet PDF - Exar Corporation
Part # XRT72L13
Download  XRT72L13 Download
File Size   4344.45 Kbytes
Page   370 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC

XRT72L13 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT72L13 Datasheet PDF - Exar Corporation

Part # XRT72L13
Download  XRT72L13 Click to download

File Size   4344.45 Kbytes
Page   370 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC

XRT72L13 Datasheet (HTML) - Exar Corporation


XRT72L13 Product details

GENERAL DESCRIPTION
The XRT72L13 is a fully integrated, low power, Multiplexer/Framer IC which performs Multiplexing/Demutiplexing of 28 DS1or 21 E1 signals into/from a DS3 signal with either M13 or C-bit parity frame format, performs Clear Channel DS3 Framing, and supports High speed HDLC/LAPD data linking.

FEATURES
• A fully integrated device that supports: Multiplexing/Demultiplexing Mode Clear Channel DS3 Framer Mode High Speed HDLC Controller Mode
• Supports Multiple Loop-back modes
• Smooths gapped clock signals
• Supports Intel or Motorola PIO µP interfaces
• Available in a 208 pin PQFP package
• Single 3.3V Power Supply
• 5V Tolerant I/O
• Operates over the Industrial Temperature Range

APPLICATIONS
• M13 Multiplexer/Demuliplexer Applications.
• Frame Relay Systems
• Digital Access and Cross Connect Systems
• Local Digital Switch
• Add/Drop Multiplexers
• DS3 Data/Channel Service Units.
• Test Equipment




Similar Part No. - XRT72L13

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50IQ EXAR-XRT72L50IQ Datasheet
2Mb / 471P
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52IQ EXAR-XRT72L52IQ Datasheet
6Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results


Similar Description - XRT72L13

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4328 PMC-PM4328 Datasheet
50Kb / 4P
High Density T1/E1 Framer with Integrated M13 Multiplexer
PM4328 PMC-PM4328 Datasheet
1Mb / 250P
HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
logo
Infineon Technologies A...
PEB3456E INFINEON-PEB3456E Datasheet
5Mb / 424P
Channelized T3 Termination with DS3 Framer, M13 Multiplexer, T1/ E1 Framers and 256 Channel HDLC/PPP controller
Version 2.1 May 2001
TE3-MUX INFINEON-TE3-MUX Datasheet
2Mb / 211P
TE3-MUX M13 Multiplexer and DS3 Framer
June 2001 V2.1
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
DS3/E3 FRAMER IC
XRT72L71 EXAR-XRT72L71 Datasheet
1Mb / 102P
DS3 ATM UNI/CLEAR CHANNEL FRAMER
XRT79L71 EXAR-XRT79L71_07 Datasheet
1Mb / 109P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
logo
PMC-Sierra, Inc
PM4328-1 PMC-PM4328-1 Datasheet
47Kb / 2P
High Density T1/E1 Framer with Integrated M13 Multiplexer
PM8313D3MX PMC-PM8313D3MX Datasheet
582Kb / 192P
M13 MULTIPLEXER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com