Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L13 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 2 Page - Exar Corporation

  XRT72L13 Datasheet HTML 1Page - Exar Corporation XRT72L13 Datasheet HTML 2Page - Exar Corporation XRT72L13 Datasheet HTML 3Page - Exar Corporation XRT72L13 Datasheet HTML 4Page - Exar Corporation XRT72L13 Datasheet HTML 5Page - Exar Corporation XRT72L13 Datasheet HTML 6Page - Exar Corporation XRT72L13 Datasheet HTML 7Page - Exar Corporation XRT72L13 Datasheet HTML 8Page - Exar Corporation XRT72L13 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
2
PIN OUT OF THE 72L13 FRAMER IC
RxDS1Data_26
RxDS1Clk_26
RxDS1Data_25
RxDS1Clk_25
RxDS1Data_24
RxDS1Clk_24
RxDS1Data_23
RxDS1Clk_23
RxDS1Data_22
RxDS1Clk_22
VDD
RxDS1Data_21
RxDS1Clk_21
RxDS1Data_20
RxDS1Clk_20
RxDS1Data_19
RxDS1Clk_19
RxDS1Data_18
RxDS1Clk_18
RxDS1Data_17
RxDS1Clk_17
RxDS1Data_16
RxDS1Clk_16
RxDS1Data_15
TCK
TMS
TDI
TDO
GND
RxDS1Clk_15
RxDS1Data_14
RxDS1Clk_14
RxDS1Data_13
RxDS1Clk_13
RxDS1Data_12
RxDS1Clk_12
RxDS1Data_11
RxDS1Clk_11
VDD
RxDS1Data_10
RxDS1Clk_10
RxDS1Data_9
RxDS1Clk_9
RxDS1Data_8
RxDS1Clk_8
RxDS1Data_7/RxHDLC_Data_7
RxDS1Clk_7
RxDS1Data_6/RxHDLC_Data_6
GND
RxDS1Clk_6
RxDS1Data_5/RxHDLC_Data_5
RxDS1Clk_5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
156
155
154
153
152
151
150
149
148
147
146
145
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
208 Lead PQFP
TxFrameRef
DS2OutClk
DS2InClk
TxDS1Clk_0
TxDS1Data_0
TxDS1Clk_1
TxDS1Data_1
TxDS1Clk_2
TxDS1Data_2
TxDS1Clk_3
GND
TxDS1Data_3
TxDS1Clk_4
TxDS1Data_4
TxDS1Clk_5
TxDS1Data_5
TxDS1Clk_6
TxDS1Data_6
TxDS1Clk_7
VDD
TxDS1Data_7
TxDS1Clk_8
TxDS1Data_8
TxDS1Clk_9
TxDS1Data_9
TxDS1Clk_10
TxDS1Data_10
TxDS1Clk_11
GND
TxDS1Data_11
TxDS1Clk_12
TxDS1Data_12
TxDS1Clk_13
TxDS1Data_13
TxDS1Clk_14
TxDS1Data_14
TxDS1Clk_15
TxDS1Data_15
VDD
TxDS1Clk_16
TxDS1Data_16
TxDS1Clk_17
TxDS1Data_17
TxDS1Clk_18
TxDS1Data_18
TxDS1Clk_19
TxDS1Data_19
TxDS1Clk_20
TxDS1Data_20/TxHDLCData_0
TxDS1Clk_21
TxDS1Data_21/TxHDLCData_1
TxDS1Clk_22
ORDERING INFORMATION
PART #PACKAGE
OPERATING TEMPERATURE
XRT72L13IQ
208 pin PQFP
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com