Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L13 Datasheet(PDF) 14 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 14 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 10Page - Exar Corporation XRT72L13 Datasheet HTML 11Page - Exar Corporation XRT72L13 Datasheet HTML 12Page - Exar Corporation XRT72L13 Datasheet HTML 13Page - Exar Corporation XRT72L13 Datasheet HTML 14Page - Exar Corporation XRT72L13 Datasheet HTML 15Page - Exar Corporation XRT72L13 Datasheet HTML 16Page - Exar Corporation XRT72L13 Datasheet HTML 17Page - Exar Corporation XRT72L13 Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
XII
RXDS3 LAPD CONTROL REGISTER (ADDRESS = 0X18) ............................................................................ 339
RXDS3 LAPD CONTROL REGISTER (ADDRESS = 0X18) ............................................................................ 340
5.0 Channelized (M13) Mode Operation of the XRT72L13 ................................................................ 341
M23 CONFIGURATION REGISTER (ADDRESS = 0X07) ................................................................................ 341
5.1 AN OVERVIEW OF CHANNELIZED OPERATION ................................................................................................... 341
5.1.1 In North American Applications .......................................................................................................... 341
Figure 116. Simple Illustration of the Overall Scheme to MUX 28 DS1 signals into a DS3 signal ......
341
Figure 117. Simple Illustration of the Overall Scheme to DEMUX a DS3 signal into 28 DS1 signals .
342
5.1.2 .ITU-T G.747 Applications .................................................................................................................. 342
Figure 118. Simple Illustration of the Overall Scheme to MUX 21 E1 signals into a DS3 signal . 342
Figure 119. Simple Illustration of the Overall Scheme to DEMUX 21 E1 signals from a DS3 signal ..
343
5.1.3 Real Configuration Options Offered by the XRT72L13 ...................................................................... 343
5.2 CHANNELIZED OPERATION IN THE TRANSMIT DIRECTION .................................................................................. 343
5.2.1 Channelized Operation, while the XRT72L13 is operating in the “M13” Framing Format. ................. 343
M12 DS2 # 1 CONFIGURATION REGISTER (ADDRESS = 0X1A) .................................................................. 344
Figure 120. Illustration of M12 MUX #1 being configured to operate in the “DS1” Mode ............. 344
Figure 121. Illustration of the DS2 Framing Structure ..................................................................... 345
Figure 122. The DS2 Payload Bits ...................................................................................................... 345
M12 DS2 # 1 CONFIGURATION REGISTER (ADDRESS = 0X1A) .................................................................. 347
M12 DS2 # 1 AIS REGISTER (ADDRESS = 0X21) ...................................................................................... 347
M23 TX DS2 AIS REGISTER (ADDRESS = 0X08) ...................................................................................... 347
M12 DS2 # 1 CONFIGURATION REGISTER (ADDRESS = 0X1A) .................................................................. 348
Figure 123. Illustration of the M12 MUX # 1 being configured to operate in the “G.747” Mode .. 348
Figure 124. Illustration of the “ITU-T G.747 Framing” Structure ..................................................... 349
Figure 125. The “ITU-T G.747” Payload Bits ..................................................................................... 350
M12 DS2 # 1 CONFIGURATION REGISTER (ADDRESS = 0X1A) .................................................................. 351
M12 DS2 # 1 AIS REGISTER (ADDRESS = 0X21) ...................................................................................... 351
M23 TX DS2 AIS REGISTER (ADDRESS = 0X08) ...................................................................................... 351
M12 DS2 # 1 CONFIGURATION REGISTER (ADDRESS = 0X1A) .................................................................. 352
5.2.2 Channelized Operation, while the XRT72L13 is operating in the “C-Bit Parity” Framing Format. ...... 352
5.3 CHANNELIZED OPERATION IN THE RECEIVE DIRECTION .................................................................................... 352
5.3.1 Channelized Operation, while the XRT72L13 is operating in the “M13” Framing Format. ................. 352
M12 DS2 # 1 CONFIGURATION REGISTER (ADDRESS = 0X1A) .................................................................. 352
DS2 # 1 FRAMER STATUS REGISTER (ADDRESS = 0XA3) ......................................................................... 353
DS2 # 1 FRAMER STATUS REGISTER (ADDRESS = 0XA3) ......................................................................... 353
DS2 # 1 FRAMER STATUS REGISTER (ADDRESS = 0XA3) ......................................................................... 354
M12 DS2 # 1 CONFIGURATION REGISTER (ADDRESS = 0X1A) .................................................................. 354
M12 DS2 # 1 CONFIGURATION REGISTER (ADDRESS = 0X1A) .................................................................. 355
DS2 # 1 FRAMER STATUS REGISTER (ADDRESS = 0XA3) ......................................................................... 355
DS2 # 1 FRAMER STATUS REGISTER (ADDRESS = 0XA3) ......................................................................... 356
DS2 # 1 FRAMER STATUS REGISTER (ADDRESS = 0XA3) ......................................................................... 356
5.3.2 Channelized Operation, while the XRT72L13 is operating in the “C-Bit Parity” Framing Format. ...... 356
5.4 DIAGNOSTIC OPERATIONS - CHANNELIZED MODE ............................................................................................ 356
5.4.1 M12 MUX (DS1 or E1) Loop-backs .................................................................................................... 356
5.4.2 M23 MUX (DS2 or G.747) Loop-backs .............................................................................................. 356
5.5 CHANNELIZED MODE INTERRUPTS ................................................................................................................... 356
ORDERING INFORMATION .................................................................................................................. 357
PACKAGE DIMENSIONS ............................................................................................... 357
REVISIONS ............................................................................................................................................... 358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com