Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L13 Datasheet(PDF) 98 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 98 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 94Page - Exar Corporation XRT72L13 Datasheet HTML 95Page - Exar Corporation XRT72L13 Datasheet HTML 96Page - Exar Corporation XRT72L13 Datasheet HTML 97Page - Exar Corporation XRT72L13 Datasheet HTML 98Page - Exar Corporation XRT72L13 Datasheet HTML 99Page - Exar Corporation XRT72L13 Datasheet HTML 100Page - Exar Corporation XRT72L13 Datasheet HTML 101Page - Exar Corporation XRT72L13 Datasheet HTML 102Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
86
2.3.2.6
Block Interrupt Enable Register
Bit 7 - Rx DS3 Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable all “Receive DS3 Framer” related interrupts
(within the XRT72L13) at the “Block Level”.
Setting this bit-field to “0” disables all “Receive DS3
Framer” related interrupts within the XRT72L13 M13
device.
Setting this bit-field to “1” enables all “Receive DS3
Framer” related interrupts (within the XRT72L13 M13
device) at the “Block Level”.
NOTE: Setting this bit-field to “1” does not enable all
“Receive DS3 Framer” related interrupts. Each of these
interrupts can still be disabled at the “Source” Level. How-
ever, setting this bit-field to “0” does disable all “Receive
DS3 Framer” related interrupt.
Bit 4 - M13 Interrupt Enable
This “Read/Write” bit-field permits the user to enable-
or disable all “M13 Multiplexer” related interrupts
(within the XRT72L13) at the “Block Level.
Setting this bit-field to “0” disables all “M13 Multiplex-
er” related interrupts within the XRT72L13 M13 de-
vice.
Setting this bit-field to “1” disables all “M13 Multiplex-
er” related interrupts (within the XRT72L13 M13 de-
vice) at the “Block Level”.
Bit 1 - Tx DS3 Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “Transmit DS3 Framer” related inter-
rupts (within the XRT72L13) at the Block Level.
Setting this bit-field to “0” disables all “Transmit DS3
Framer” related interrupts within the XRT72L13 M13
device.
Setting this bit-field to “1” disables all “Transmit DS3
Framer” related interrupts (within the XRT72L13 M13
device) at the “Block Level”.
Bit 0 - One Second Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “One Second” Interrupt, within the
XRT72L13. If this interrupt is enabled then the
XRT72L13 will generate interrupts to the Micropro-
cessor/Microcontroller at “one-second” intervals.
Setting this bit-field to “0” disables the “One Second”
interrupt. Conversely, setting this bit-field to “1” en-
ables the “One Second” interrupt.
2.3.2.7
Block Interrupt Status Register
Bit 7 - Rx DS3 Interrupt Status
This “Read-Only” bit-field indicates whether or not a
“Receive DS3 Framer” related Interrupt has been re-
quested and is awaiting service.
If this bit-field is set to “0”, then there are no “Receive
DS3 Framer” related interrupts awaiting service.
Conversely, if this bit-field is set to “1”, then there is at
least one “Receive DS3 Framer” related interrupt,
awaiting service.
Bit 4 - M13 Multiplexer Interrupt Status
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx DS3
Interrupt
Enable
Not Used
Not Used
M13
Interrupt
Enable
Not Used
Not Used
Tx DS3
Interrupt
Enable]
One
Second
Interrupt
Enable]
R/W
R/O
R/O
R/W
R/O
R/O
R/W
R/W
0
0000
000
BLOCK INTERRUPT STATUS REGISTER (ADDRESS = 0X05)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx DS3
Interrupt
Status
Not Used
Not Used
M13
Interrupt
Status
Not Used
Not Used
Tx DS3
Interrupt
Status
One
Second
Interrupt
Status
R/O
R/O
R/O
R/O
R/O
R/O
R/O
RUR
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com