Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L13 Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 45Page - Exar Corporation XRT72L13 Datasheet HTML 46Page - Exar Corporation XRT72L13 Datasheet HTML 47Page - Exar Corporation XRT72L13 Datasheet HTML 48Page - Exar Corporation XRT72L13 Datasheet HTML 49Page - Exar Corporation XRT72L13 Datasheet HTML 50Page - Exar Corporation XRT72L13 Datasheet HTML 51Page - Exar Corporation XRT72L13 Datasheet HTML 52Page - Exar Corporation XRT72L13 Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
37
203
RxOHInd/
RxPLClkEnb
O
Receive Overhead Bit Indicator:
This output pin pulses "high" whenever an "overhead" bit is being out-
put via the "RxSer" output pin, by the "Receive Payload Data Output
Interface" block.
The purpose of this output pin is to alert the "Receive Terminal Equip-
ment" that an overhead bit is being output via the "RxSer" output pin,
and that this data should be ignored.
204
RxClk
O
Receive Clock Output Signal for Serial and Nibble/Parallel Data
Interface:
The exact behavior of this signal depends upon whether the
XRT72L13 is operating in the “Clear-Channel-Framing/Serial” or
“Clear-Channel-Framing/Nibble-Parallel” Modes.
Clear-Channel Framing - Serial Mode Operation:
In the "serial" mode, this signal is a 44.736MHz clock output signal.
The Receive Payload Data Output Interface will update the data via
the RxSer output pin, upon the rising edge of this clock signal.
The user is advised to design (or configure) the Terminal Equipment
to sample the data on the "RxSer" pin, upon the falling edge of this
clock signal.
Clear-Channel Framing - Nibble-Parallel Mode Operation
In this Nibble-Parallel Mode, the XRT72L13 will derive this clock sig-
nal, from the RxLineClk signal. The XRT72L13 will pulse this clock
signal 1176 times for each "inbound" DS3 frame. The Receive Pay-
load Data Output Interface will update the data, on the "RxNib[3:0]"
output pins upon the falling edge of this clock signal.
The user is advised to design (or configure) the Terminal Equipment
to sample the data on the "RxNib[3:0] output pins, upon the rising
edge of this clock signal
205
RxFrame
O
Receive Boundary of DS3 Frame Output Indicator:
The funtion of this output pin depends upon whether the XRT72L13
Framer IC is operating in the “Clear-Channel-Framing/Serial” or
“Clear-Channel-Framing/Nibble-Parallel” Modes.
Clear-Channel Framing - Serial Mode Operation
The Receive Section of the XRT72L13 will pulse this output pin “high”
(for one bit-period) when the “Receive Payload Data Output Interface”
block is driving the very first bit of a given given DS3 frame, onto the
“RxSer” output pin.
Clear-Channel Framing -Nibble-Parallel Operation
The Receive Section of the XRT72L13 will pulse this output pin “high”
(for one nibble-period), when the “Receive Payload Data Output Inter-
face” block is driving the very first nibble of a given DS3 frame, onto
the “RxNib[3:0] output pins.
206
RxInClk
I
Receive Input Clock:
207
RxDS1Data_27
O
Receive DS1 Data Output - Channel 27:
This pin outputs a DS1 signal from the M12 multiplexer. Each bit,
within the DS1 data stream is output upon the rising edge of
RxDS1Clk_27.
NOTES:
1. This output pin is inactive if the corresponding M12 DEMUX is
de-multiplexing an ITU-T G.747 data stream.
2. This pin will output the contents of DS2 channel # 7, if M12
MUX # 7 is bypassed.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com