Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L13 Datasheet(PDF) 76 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 76 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 72Page - Exar Corporation XRT72L13 Datasheet HTML 73Page - Exar Corporation XRT72L13 Datasheet HTML 74Page - Exar Corporation XRT72L13 Datasheet HTML 75Page - Exar Corporation XRT72L13 Datasheet HTML 76Page - Exar Corporation XRT72L13 Datasheet HTML 77Page - Exar Corporation XRT72L13 Datasheet HTML 78Page - Exar Corporation XRT72L13 Datasheet HTML 79Page - Exar Corporation XRT72L13 Datasheet HTML 80Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
64
TABLE 1: DESCRIPTION OF THE MICROPROCESSOR INTERFACE SIGNALS THAT EXHIBIT CONSTANT ROLES IN BOTH
THE
"INTEL" AND "MOTOROLA" MODES
PIN NAME
TYPE
DESCRIPTION
MOTO
I
Selection input for Intel/Motorola µP Interface.
Setting this pin to a logic "high" configures the Microprocessor Interface to operate in the "Motor-
ola" mode. Likewise, setting this pin to a logic "low" configures the Microprocessor Interface to
operate in the "Intel" Mode.
D[7:0]
I/O
Bi-Directional Data Bus for register read or write operations
A[8:0]
I
Nine Bit Address Bus input:
This nine bit Address Bus is provided to allow the user to select an on-chip register or on-chip RAM
location.
CSB
I
Chip Select input. This "active low" signal selects the Microprocessor Interface of the UNI device
and enables read/write operations with the on-chip registers/on-chip RAM.
IntB
O
Interrupt Request Output: This "open-drain/active-low" output signal will inform the local
µP that
the UNI has an interrupt condition that needs servicing.
TABLE 2: PIN DESCRIPTION OF MICROPROCESSOR INTERFACE SIGNALS - WHILE THE MICROPROCESSOR INTERFACE
IS
OPERATING IN THE INTEL MODE
PIN NAME
EQUIVALENT PIN
IN
INTEL
ENVIRONMENT
TYPE
DESCRIPTION
ALE_AS
ALE
I
Address-Latch Enable: This "active-high" signal is used to latch the contents on
the address bus, A[8:0]. The contents of the Address Bus are latched into the
A[8:0] inputs on the falling edge of ALE_AS. Additionally, this signal can be used
to indicate the start of a burst cycle.
RdB_DS
RD*
I
Read Signal: This "active-low" input functions as the read signal from the local
µP. When this signal goes "low", the UNI Microprocessor Interface will place the
contents of the addressed register on the Data Bus pins (D[15:0]). The Data
Bus will be "tri-stated" once this input signal returns "high".
WRB_RW
WR*
I
Write Signal: This "active-low" input functions as the write signal from the local
µP. The contents of the Data Bus (D[15:0]) will be written into the addressed reg-
ister (via A[8:0]), on the rising edge of this signal.
Rdy_Dtck
READY*
O
Ready Output: This "active-low" signal is provided by the UNI device, and indi-
cates that the current read or write cycle is to be extended until this signal is
asserted. The local
µP will typically insert "WAIT" states until this signal is
asserted. This output will toggle "low" when the device is ready for the next Read
or Write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com