Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L13 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 3Page - Exar Corporation XRT72L13 Datasheet HTML 4Page - Exar Corporation XRT72L13 Datasheet HTML 5Page - Exar Corporation XRT72L13 Datasheet HTML 6Page - Exar Corporation XRT72L13 Datasheet HTML 7Page - Exar Corporation XRT72L13 Datasheet HTML 8Page - Exar Corporation XRT72L13 Datasheet HTML 9Page - Exar Corporation XRT72L13 Datasheet HTML 10Page - Exar Corporation XRT72L13 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
V
M12 DS2 # 1 LOOP-BACK STATUS REGISTER (ADDRESS = 0XA0) .............................................................. 158
DS2 # 1 FRAMER INTERRUPT ENABLE REGISTER (ADDRESS = 0XA1) ......................................................... 158
DS2 # 1 FRAMER INTERRUPT REGISTER (ADDRESS = 0XA2) ..................................................................... 159
DS2 # 1 FRAMER STATUS REGISTER (ADDRESS = 0XA3) ......................................................................... 160
DS2 # 2 FRAMER INTERRUPT ENABLE REGISTER (ADDRESS = 0XA4) ......................................................... 160
DS2 # 2 FRAMER INTERRUPT REGISTER (ADDRESS = 0XA5) ..................................................................... 161
DS2 # 2 FRAMER STATUS REGISTER (ADDRESS = 0XA6) ......................................................................... 162
DS2 # 3 FRAMER INTERRUPT ENABLE REGISTER (ADDRESS = 0XA7) ......................................................... 162
DS2 # 3 FRAMER INTERRUPT REGISTER (ADDRESS = 0XA8) .................................................................... 163
DS2 # 3 FRAMER STATUS REGISTER (ADDRESS = 0XA9) ......................................................................... 164
DS2 # 4 FRAMER INTERRUPT ENABLE REGISTER (ADDRESS = 0XAA) ........................................................ 164
DS2 # 4 FRAMER INTERRUPT ENABLE REGISTER (ADDRESS = 0XAB) ........................................................ 165
DS2 # 4 FRAMER STATUS REGISTER (ADDRESS = 0XAC) ........................................................................ 166
DS2 # 5 FRAMER INTERRUPT ENABLE REGISTER (ADDRESS = 0XAD) ........................................................ 166
DS2 # 5 FRAMER INTERRUPT ENABLE REGISTER (ADDRESS = 0XAF) ........................................................ 167
DS2 # 5 FRAMER STATUS REGISTER (ADDRESS = 0XAF) ......................................................................... 168
DS2 # 6 FRAMER INTERRUPT ENABLE REGISTER (ADDRESS = 0XB0) ........................................................ 168
DS2 # 6 FRAMER INTERRUPT REGISTER (ADDRESS = 0XB2) .................................................................... 169
DS2 # 6 FRAMER STATUS REGISTER (ADDRESS = 0XB2) ......................................................................... 170
DS2 # 7 FRAMER INTERRUPT ENABLE REGISTER (ADDRESS = 0XB3) ........................................................ 170
DS2 # 7 FRAMER INTERRUPT REGISTER (ADDRESS = 0XB5) .................................................................... 171
DS2 # 7 FRAMER STATUS REGISTER (ADDRESS = 0XB5) ......................................................................... 171
3.0 The Microprocessor Interface Block ............................................................................................ 173
Figure 46. Simple Block Diagram of the Microprocessor Interface Block, within the Framer IC 173
3.1 THE MICROPROCESSOR INTERFACE BLOCK SIGNAL ......................................................................................... 173
TABLE 6: DESCRIPTION OF THE MICROPROCESSOR INTERFACE SIGNALS THAT EXHIBIT CONSTANT ROLES IN BOTH
THE
"INTEL" AND "MOTOROLA" MODES .................................................................................... 174
TABLE 7: PIN DESCRIPTION OF MICROPROCESSOR INTERFACE SIGNALS - WHILE THE MICROPROCESSOR INTER-
FACE IS
OPERATING IN THE INTEL MODE ................................................................................... 174
TABLE 8: PIN DESCRIPTION OF THE MICROPROCESSOR INTERFACE SIGNALS WHILE THE MICROPROCESSOR IN-
TERFACE IS OPERATING IN THE
MOTOROLA MODE .................................................................... 175
3.2 INTERFACING THE XRT72L13 DS3 FRAMER TO THE LOCAL µC/µP OVER VIA THE MICROPROCESSOR INTERFACE
BLOCK
175
3.2.1 Interfacing the XRT72L13 DS3 Framer to the Microprocessor over an 8 bit wide bi-directional Data Bus
175
3.2.2 Data Access Modes ........................................................................................................................... 176
Figure 47. Behavior of Microprocessor Interface signals during an "Intel-type" Programmed I/O
Read Operation ................................................................................................................... 177
Figure 48. Behavior of the Microprocessor Interface Signals, during an "Intel-type" Programmed I/
O Write Operation ............................................................................................................... 178
Figure 49. Illustration of the Behavior of Microprocessor Interface signals, during a "Motorola-type"
Programmed I/O Read Operation ...................................................................................... 179
Figure 50. Illustration of the Behavior of the Microprocessor Interface signal, during a "Motorola-
type" Programmed I/O Write Operation ............................................................................ 180
Figure 51. Behavior of the Microprocessor Interface Signals, during the "Initial" Read Operation of
a Burst Cycle (Intel Type Processor) ................................................................................ 182
Figure 52. Behavior of the Microprocessor Interface Signals, during subsequent "Read" Operations
within the Burst I/O Cycle ................................................................................................... 183
Figure 53. Behavior of the Microprocessor Interface signals, during the "Initial" Write Operation of
a Burst Cycle (Intel-type Processor) ................................................................................. 184
Figure 54. Behavior of the Microprocessor Interface Signals, during subsequent "Write" Operations
within the Burst I/O Cycle ................................................................................................... 185
Figure 55. Behavior of the Microprocessor Interface Signals, during the "Initial" Read Operation of
a Burst Cycle (Motorola Type Processor) ......................................................................... 186
Figure 56. Behavior the Microprocessor Interface Signals, during subsequent "Read" Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com