Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L13 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 35Page - Exar Corporation XRT72L13 Datasheet HTML 36Page - Exar Corporation XRT72L13 Datasheet HTML 37Page - Exar Corporation XRT72L13 Datasheet HTML 38Page - Exar Corporation XRT72L13 Datasheet HTML 39Page - Exar Corporation XRT72L13 Datasheet HTML 40Page - Exar Corporation XRT72L13 Datasheet HTML 41Page - Exar Corporation XRT72L13 Datasheet HTML 42Page - Exar Corporation XRT72L13 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
27
162
TxNib_0/
TxSer
I
Transmit Nibble-Parallel Payload Data Input -0/Transmit Serial
Payload Data Input pin:
The exact function of this pin depends upon whether the XRT72L13 is
operating in the "Serial" or "Nibble-Parallel" interface Mode.
TxNib_0 - (Nibble Parallel Interface Mode):
The Terminal Equipment is expected to input data, that is intended to
be transmitted to the remote terminal, over a DS3 transport medium.
The Framer IC will take data, applied to this pin (along with TxNib1,
TxNib2, and TxNib3), and insert it into an outbound "DS3" frame. The
XRT72L13 will sample the data that is at these input pins, upon the
rising edge of the "TxNibClk" signal.
Transmit Serial Payload Data Input Pin - (Serial Interface Mode):
The Terminal Equipment is expected to input data, that is intended to
be transmitted to the remote terminal, over a DS3 transport medium.
The Framer IC will take data, applied to this pin, and insert it into an
outbound "DS3" frame.
If the XRT72L13 M13 Multiplexer/Framer IC has been configured to
operate in the "Local Time" Mode, then it will sample the data (on this
pin) upon the rising edge of "TxInClk". If the XRT72L13 M13 Multi-
plexer/Framer IC has been configured to operate in the "Loop-Time"
Mode, then it will sample the data (on this pin) upon the rising edge of
"RxOutClk".
NOTE: This input pin is active only if the Serial Mode has been
selected.
163
TxNib_1
I
Transmit Nibble-Paralle Payload Data Input -1:
The Terminal Equipment is expected to input data, that is intended to
be transmitted to the remote terminal, over a DS3 transport medium.
The Framer IC will take data, applied to this pin, and insert it into an
outbound "DS3" frame. The XRT72L13 will sample the data that is at
these input pins, upon the rising edge of the "TxNibClk" signal.
NOTE: This input pin is active only if the Nibble/Parallel Mode has
been selected.
164
VDD
****
Power Supply Pin
165
TxNib_2
I
Transmit Nibble-Parallel Payload Data Input -2:
The Terminal Equipment is expected to input data, that is intended to
be transmitted to the remote terminal, over a DS3 transport medium.
The Framer IC will take data, applied to this pin, and insert it into an
outbound " DS3" frame. The XRT72L13 will sample the data that is at
these input pins, upon the rising edge of the "TxNibClk" signal.
NOTE: This input pin is active only if the Nibble/Parallel Mode has
been selected.
166
TxNib_3
I
Transmit Nibble-Parallel Payload Data Input -3:
The Terminal Equipment is expected to input data, that is intended to
be transmitted to the remote terminal, over an DS3 transport
medium. The Framer IC will take data, applied to this pin (along with
TxNib1, TxNib2, and TxNib3), and insert it into an outbound DS3"
frame. The XRT72L13 will sample the data that is at these input pins,
upon the rising edge of the "TxNibClk" signal.
Note: This input pin is active only if the Nibble/Parallel Mode has
been selected.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com