Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L13 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 17Page - Exar Corporation XRT72L13 Datasheet HTML 18Page - Exar Corporation XRT72L13 Datasheet HTML 19Page - Exar Corporation XRT72L13 Datasheet HTML 20Page - Exar Corporation XRT72L13 Datasheet HTML 21Page - Exar Corporation XRT72L13 Datasheet HTML 22Page - Exar Corporation XRT72L13 Datasheet HTML 23Page - Exar Corporation XRT72L13 Datasheet HTML 24Page - Exar Corporation XRT72L13 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
9
51
RxDS1Data_5
RxHDLC_Data_5
O
Receive DS1/E1 Data Output - Channel 5/Receive HDLC Control-
ler Block Output - Bit 5:
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Receive DS1/E1 Data Output - Channel 5: (Multiplexer/De-Multi-
plexer Mode):
This pin outputs either a DS1 or E1 signal from the M12 multiplexer.
Each bit, within the DS1 or E1 data stream is output upon the rising
edge of RxDS1Clk_5.
Receive HDLC Controller Block Output - Bit 5: (High Speed HDLC
Controller Mode)
This output pin along with RxHDLC_Data[0:4] and
RxHDLC_Data[6:7] output the contents of all HDLC frames that have
been received (via the DS3 payload) from the remote terminal equip-
ment.
The data on this output pin is updated upon the rising edge of "RxH-
DLCClk".
NOTE: This pin is inactive while the Receive HDLC Controller is
receiving the "Flag Sequence" octet.
52
RxDS1Clk_5
O
Receive DS1/E1 Clock Output - Channel 5:
This pin outputs either a DS1 (1.544MHz) or an E1 (2.048MHz) clock
signal to the Terminal Equipment. The XRT72L13 will update the data
on the "RxDS1Data_5" line, upon the rising edge of this signal.
53
RxDS1Data_4/
RxHDLC_Data_4
O
Receive DS1/E1 Data Output - Channel 4/Receive HDLC Control-
ler Block Output - Bit 4:
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Receive DS1/E1 Data Output - Channel 4: (Multiplexer/De-Multi-
plexer Mode):
This pin outputs either a DS1 or E1 signal from the M12 multiplexer.
Each bit, within the DS1 or E1 data stream is output upon the rising
edge of RxDS1Clk_4.
Receive HDLC Controller Block Output - Bit 4: (High Speed HDLC
Controller Mode)
This output pin along with RxHDLC_Data[0:3] and
RxHDLC_Data[5:7] output the contents of all HDLC frames that have
been received (via the DS3 payload) from the remote terminal equip-
ment.
The data on this output pin is updated upon the rising edge of "RxH-
DLCClk".
NOTE: This pin is inactive while the Receive HDLC Controller is
receiving the "Flag Sequence" octet.
54
RxDS1Clk_4
O
Receive DS1/E1 Clock Output - Channel 4:
This pin outputs either a DS1 (1.544MHz) or an E1 (2.048MHz) clock
signal to the Terminal Equipment. The XRT72L13 will update the data
on the "RxDS1Data_4" line, upon the rising edge of this signal.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com