Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L71 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT72L71
Description  DS3 ATM UNI/CLEAR CHANNEL FRAMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L71 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT72L71 Datasheet HTML 5Page - Exar Corporation XRT72L71 Datasheet HTML 6Page - Exar Corporation XRT72L71 Datasheet HTML 7Page - Exar Corporation XRT72L71 Datasheet HTML 8Page - Exar Corporation XRT72L71 Datasheet HTML 9Page - Exar Corporation XRT72L71 Datasheet HTML 10Page - Exar Corporation XRT72L71 Datasheet HTML 11Page - Exar Corporation XRT72L71 Datasheet HTML 12Page - Exar Corporation XRT72L71 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
áç
áç
áç
áç
XRT72L71
DS3 ATM UNI/CLEAR CHANNEL FRAMER
REV. 1.1.0
5
8RLOL
I
Receive Loss of Lock Indicator—from the XRT7300 E3/DS3/STS-1 LIU IC:
This input pin is intended to be connected to the RLOL (Receive Loss of Lock)
output pin of the XRT7300 LIU IC. The user can monitor the state of this pin by
reading the state of Bit 1 (RLOL) within the Line Interface Scan Register
(Address = 0x73). If this input pin is “Low”, then it means that the phase-locked-
loop circuitry, within the XRT7300 is properly locked onto the incoming DS3
data-stream; and is properly recovering clock and data from this DS3 data-
stream. However, if this input pin is “High”, then it means that the phase-
locked-loop circuitry, within the XRT7300 has lost lock with the incoming DS3
data-stream, and is not properly recovering clock and data.
For more information on the operation of the XRT7300 E3/DS3/STS-1 LIU IC,
please consult the "XRT7300 E3/DS3/STS-1 LIU IC" data sheet.
NOTE: If the designer is not using the XRT7300 DS3/E3/STS-1 LIU IC, this
input pin can be used for other purposes.
9D11
I/O
Bi-Directional Data bus (Microprocessor Interface Section): This pin is
inactive if the Microprocessor Interface block is configured to operate over an
8-bit wide data bus. Please see description for D15, pin 1.
10
TxFrame
O
Transmit End of DS3 Frame Indicator:
The function of this pin is same in both Clear Channel and ATM UNI modes of
the XRT72L71. This pin marks the end of each DS3 frame.
ATM UNI Mode
This pin is pulsed for one DS3 clock period when the transmit input interface
is processing the last bit of the given DS3 frame. This just serves as an indica-
tion to terminal equpiment in the ATM UNI mode.
Clear Channel Mode
When the XRT72L71is configured to operate in the “Clear-Channel Framer”
mode, then the Transmit DS3 Framer block will pulse this output pin “High” (for
one bit period) when the “Transmit Payload Data Input Interface” block is pro-
cessing the last bit of a given DS3 frame.
The purpose of this output pin is to alert the Terminal Equipment that it needs
to begin transmission of a new DS3 frame to the XRT72L71 (e.g., to permit
the XRT72L71 to maintain Transmit DS3 framing alignment control over the
Terminal Equipment).
11
D10
I/O
Bi-Directional Data bus (Microprocessor Interface Section): This pin is
inactive if the Microprocessor Interface block is configured to operate over an
8 bit data bus. (Please see description for D15, pin 1)
12
Req
O
Receive Equalization Bypass Control Output Pin—(to be connected to
the XRT7300 E3/DS3/STS-1 LIU IC): This output pin is intended to be con-
nected to the Req input pin of the XRT7300 E3/DS3/STS-1 LIU IC. The user can
control the state of this output pin by writing a ‘0’ or ‘1’ to Bit 5 (Req) of the
Line Interface Driver Register (Address = 0x72). If the user commands this
signal to toggle “High” then it will cause the incoming DS3 line signal to “by-
pass” equalization circuitry, within the XRT7300. Conversely, if the user com-
mands this output signal to toggle “Low”, then the incoming DS3 line signal
with be routed through the equalization circuitry. For information on the criteria
that should be used when deciding whether to bypass the equalization cir-
cuitry or not, please consult the “XRT7300 E3/DS3/STS-1 LIU IC” data sheet.
Writing a “1” to Bit 5 of the Line Interface Drive Register (Address = 0x72) will
cause this output pin to toggle “High”. Writing a “0” to this bit-field will cause
this output pin to toggle “Low”.
NOTE: If the designer is not using the XRT7300 E3/DS3/STS-1 LIU IC, then
this output pin can be used for other purposes.
PIN DESCRIPTION (CONTINUED)
PIN NO.
SYMBOL
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com