Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L74 Datasheet (PDF) - Exar Corporation

XRT79L74 Datasheet PDF - Exar Corporation
Part # XRT79L74
Download  XRT79L74 Download
File Size   876.32 Kbytes
Page   70 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC

XRT79L74 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT79L74 Datasheet PDF - Exar Corporation

Part # XRT79L74
Download  XRT79L74 Click to download

File Size   876.32 Kbytes
Page   70 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC

XRT79L74 Datasheet (HTML) - Exar Corporation


XRT79L74 Product details

HARDWARE MANUAL
The XRT79L74 is a four channel, ATM UNI/PPP Physical Layer Processor with integrated DS3/E3 framing controllers and Line Interface Units with Jitter Attenuators that are designed to support ATM direct mapping and cell delineation as well as PPP mapping and Frame processing.

GENERAL FEATURES:
• Integrated T3/E3 Line Interface Unit
• Integrated Jitter Attenuator that can be selected either in Receive or Transmit path
• Flexible integrated Clock Multiplier that takes single frequency clock and generates either DS3 or E3 frequency.
• 8/16 bit UTOPIA Level I and II and PPP Multi-PHY Interface operating at 25, 33 or 50 MHz.
• HDLC Controller that provides the mapping/extraction of either bit or byte mapped encapsulated packet from DS3/E3 Frame.
• Contains on-chip 16 cell FIFO (configurable in depths of 4, 8, 12 or 16 cells), in both the Transmit (TxFIFO) and Receive Directions (RxFIFO)
• Contains on-chip 54 byte Transmit and Receive OAM Cell Buffer for transmission, reception and processing of OAM Cells
• Supports ATM cell or PPP Packet Mapping
• Supports M13 and C-Bit Parity Framing Formats
• Supports DS3/E3 Clear-Channel Framing.
• Includes PRBS Generator and Receiver
• Supports Line, Cell, and PLCP Loop-backs
• Interfaces to 8 Bit wide Intel, Motorola or PowerPC
• Low power 3.3V, 5V Input Tolerant, CMOS
• Available in 456 Lead PBGA Package
• JTAG Interface

APPLICATIONS
• Digital Access and Cross Connect Systems
• 3G Base Stations
• DSLAMs
• Digital, ATM, WAN and LAN Switches




Similar Part No. - XRT79L74

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71 Datasheet
1Mb / 109P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT79L71 EXAR-XRT79L71 Datasheet
5Mb / 434P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT79L71IB EXAR-XRT79L71IB Datasheet
4Mb / 441P
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71IB EXAR-XRT79L71IB Datasheet
1Mb / 109P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
More results


Similar Description - XRT79L74

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
DS3/E3 FRAMER IC
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT72L71 EXAR-XRT72L71 Datasheet
1Mb / 102P
DS3 ATM UNI/CLEAR CHANNEL FRAMER
XRT74L73 EXAR-XRT74L73 Datasheet
2Mb / 488P
3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT74L74 EXAR-XRT74L74 Datasheet
3Mb / 498P
4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT79L72 EXAR-XRT79L72 Datasheet
800Kb / 72P
2 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L73 EXAR-XRT79L73 Datasheet
466Kb / 71P
3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71_07 Datasheet
1Mb / 109P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com