Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # TL431
Description  Programmable Precision Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

TL431 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  TL431 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, TL431 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, TL431 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, TL431 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 / 4
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Symbol
Parameter
Test Conditions
Min. Typ.
Max. Unit
VREF
Reference Input Voltage
VKA=VREF, IKA=10mA
TL431
(1%)
2.4
7 2.495 2.52
V
TL431A
(0.5%)
2.48
3 2.495 2.507
V
∆VREF
Deviation of
Reference Input Voltage
Over
Temperature
VKA=VREF,IKA=10mA,
-
40°C ≤TA≤+85°C
4.5
17
mV
∆VREF
∆VKA
Ratio of Change in Reference Input Voltage to
the Change in Cathode Voltage
IKA=10mA
VKA=10V~VREF
-1.0
-2.7 mV/V
VKA=36V~10V
-0.5
-2.0 mV/V
IREF
Reference Input Current
IKA=10mA, R1=10kΩ, R2=∞
1.5
4
µA
∆IREF
Deviation of Reference Input Current Over Full
Temperature Range
IKA=10mA, R1=10kΩ, R2=∞,
-25°C ≤TA≤+85°C
0.4
1.2
µA
IKA(MIN)
Minimum Cathode Current for Regulation
VKA=VREF
0.45
1
mA
IKA(OFF)
Off-State Cathode Current
VKA=36V, VREF=0
0.05
1.0
µA
ZKA
Dynamic Impedance
VKA=VREF, IKA=1~ 100mA,f≤1.0kHz
0.15
0.5
Ω
TL431/A/B
Programmable Precision Reference
www.pingjingsemi.com
Revision:
3.0 Feb-2020
TL431
B(0.4%)
2.48
5 2.495 2.505
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com