Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # TL431
Description  Programmable Precision Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

TL431 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  TL431 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, TL431 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, TL431 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, TL431 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 / 4
Typical Characteristic Curves
-1
2
3
0
400
200
600
800
-200
-2
0
1
2
4
3
567
0
1
2
3
4
5
6
7
Time (µs)
0
1
Cathode Voltage (V)
Pulse Response
TA=25°C
TA=25°C
VKA=VREF
Change in Reference Input Voltage vs.
Cathode Voltage
Cathode Current vs. Cathode Voltage
IKA(MIN
)
-10
-15
-20
-25
-30
-35
-40
0
5
10
15
20
25
30
35
40
-1
-1
Cathode Voltage (V)
-2
-1
2
3
-100
-25
-50
-75
0
25
50
75
100
125
0
1
Cathode Voltage (V)
Cathode Current vs. Cathode Voltage
150
TA=25°C
VKA=VREF
0
-5
IKA=10mA
TA=25°C
TL431/A/B
Programmable Precision Reference
www.pingjingsemi.com
Revision:
3.0 Feb-2020



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com