Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 17Page - Exar Corporation XRT79L71IB Datasheet HTML 18Page - Exar Corporation XRT79L71IB Datasheet HTML 19Page - Exar Corporation XRT79L71IB Datasheet HTML 20Page - Exar Corporation XRT79L71IB Datasheet HTML 21Page - Exar Corporation XRT79L71IB Datasheet HTML 22Page - Exar Corporation XRT79L71IB Datasheet HTML 23Page - Exar Corporation XRT79L71IB Datasheet HTML 24Page - Exar Corporation XRT79L71IB Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
9
B10
TxFrame
O
Transmit End of DS3/E3 Frame Indicator:
This output pin is pulse "High" for one DS3 or E3 clock period, when the Transmit
Section of the XRT79L71 is processing the last bit of a given DS3 or E3 frame.
The implications of this output pin, for each mode of operation, are described
below.
ATM UNI/PPP/High-Speed HDLC Controller Mode:
This output pin serves as an end-of-frame indication to the local terminal equip-
ment.
Clear-Channel Framer Mode:
If the XRT79L71 is configured to operate in the Clear-Channel Framer mode,
then this output pin serves to alert the Local Terminal Equipment that it needs to
begin transmission of a new DS3 or E3 frame. Hence, the Local Terminal Equip-
ment uses this output signal to maintain Framing Alignment with the XRT79L71.
A11
TxFrameRef
I
Transmit DS3/E3 Framer - Framing Alignment Input pin:
If the the Transmit Section of the XRT79L71 is configured to operate in the Local-
Timing/Frame-Slave Mode, then the Transmit DS3/E3 Framer block will use this
input signal as the Framing Reference.
When the XRT79L71 is configured to operate in this mode any rising edge at this
input pin will cause the Transmit DS3/E3 Framer block to begin its creation of a
new DS3 or E3 frame. Consequently, the user must supply a clock signal that is
equivalent to the DS3 or E3 frame rates to this input pin. Further, it is imperative
that this clock signal be synchronized with the 44.736MHz or 34.368MHz clock
signal applied to the TxInClk input pin.
NOTE: This input pin should be tied to GND if it is not to be used as the Transmit
DS3/E3 Framer - Framing Reference input signal.
C10
TxInClk
I
Transmit DS3/E3 Framer Block - Timing Reference Signal:
If the Transmit Section of the XRT79L71 is configured to operate in the Local-
Timing Mode, then it will use this signal as the Timing Reference. If the
XRT79L71 is being operating in the DS3 Mode, then the user is expected to
apply a high-quality 44.736MHz clock signal to this input pin. Likewise, if the
XRT79L71 is being operated in the E3 Mode, then the user is expected to apply
a high-quality 34.368MHz clock signal to this input pin.
Note for Clear-Channel Framer Operation:
If the user is operating the XRT79L71 in the Clear-Channel Framer mode, then
the user should design the local terminal equipment circuitry, such that outbound
DS3 or E3 data will be output, upon the falling edge of TxInClk. The Transmit
Payload Data Input Interface within the Transmit Section of the XRT79L71 will
sample the data, applied to the TxSer input pin, upon the rising edge of TxInClk.
NOTE: This input pin should be tied to GND if the XRT79L71 is configured to
operate in the Loop-Timing Mode.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com