Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 25Page - Exar Corporation XRT79L71IB Datasheet HTML 26Page - Exar Corporation XRT79L71IB Datasheet HTML 27Page - Exar Corporation XRT79L71IB Datasheet HTML 28Page - Exar Corporation XRT79L71IB Datasheet HTML 29Page - Exar Corporation XRT79L71IB Datasheet HTML 30Page - Exar Corporation XRT79L71IB Datasheet HTML 31Page - Exar Corporation XRT79L71IB Datasheet HTML 32Page - Exar Corporation XRT79L71IB Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
17
D8
TxNib_1/
Tx8KREF/
TxHDLCDat_1
I
Transmit Nibble Input Interface - Bit 1/Transmit PLCP Framing 8kHz Refer-
ence Input/Transmit HDLC Controller Data Bus - Bit 1 Input:
The function of this input pin depends upon whether the XRT79L71 is configured
to operate in the Clear-Channel Framer Mode, the High-Speed HDLC Controller
Mode, or in the ATM/PLCP Mode.
Clear-Channel Framer Mode - TxNib_1:
If the XRT79L71 is configured to operate in the Nibble-Parallel Mode, then this
input pin will function as the bit 1 input to the Transmit Nibble-Parallel input inter-
face. The Transmit Payload Data Input Interface block will sample this signal
(along with TxNib_0, TxNib_2 and TxNib_3) upon the falling edge of TxNibClk.
NOTE: This input pin is inactive if the XRT79L71 is configured to operate in the
Serial Mode.
ATM/PLCP Mode - Tx8KREF:
If the XRT79L71 is configured to operate in the ATM/PLCP Mode, then the Trans-
mit PLCP Processor can be configured to synchronize its PLCP frame genera-
tion to this input clock signal. The Transmit PLCP Processor will also use this
input signal to compute the nibble-trailer stuff opportunities.
NOTE: This input pin is inactive if the use has configured the XRT79L71 to
operate in the Direct-Mapped ATM Mode.
High-Speed HDLC Controller Mode - TxHDLCDat_1:
If the XRT79L71 is configured to operate in the High-Speed HDLC Controller
mode, then the local terminal equipment will be provided with a byte-wide Trans-
mit HDLC Controller byte-wide input interface. This input pin will function as Bit 1
within this byte wide interface.
Data, residing on the Transmit HDLC Controller byte wide input interface, will be
sampled upon the rising edge of the TxHDLCClk output signal.
A9
TxNib_0/
TxGFC/
TxHDLCDat_0
I
Transmit Nibble Interface - Bit 0/Transmit GFC Input pin/Transmit HDLC
Controller Data Bus - Bit 0 Input:
The function of this input pin depends upon whether the XRT79L71 is configured
to operate in the Clear-Channel Framer Mode, the High Speed HDLC Controller
Mode or in the ATM Mode.
Clear-Channel Framer Mode - TxNib_0:
If the XRT79L71 is configured to operate in the Nibble-Parallel Mode, then this
input pin will function as the bit 0 (LSB) input to the Transmit Nibble-Parallel input
interface. The Transmit Payload Data Input Interface block will sample this signal
(along with TxNib_1 through TxNib_3) upon the falling edge of TxNibClk.
NOTE: This input pin is inactive if the XRT79L71 is configured to operate in the
Serial Mode.
ATM Mode - TxGFC:
This signal, along with TxGFCMSB, and TxGFCClk combine to function as the
Transmit GFC Nibble Field serial input port. The user will specify the value of the
GFC field, within a given ATM cell, by serially transmitting its four bit-value into
this input pin. Each of these four bits will be clocked into the port upon the rising
edge of the TxGFCClk output signal.
High-Speed HDLC Controller Mode - TxHDLCDat_0:
If the XRT79L71 is configured to operate in the High-Speed HDLC Controller
mode, then the local terminal equipment will be provided with a byte-wide Trans-
mit HDLC Controller byte-wide input interface. This input pin will function as Bit 0
(the LSB) within this byte wide interface.
Data, residing on the Transmit HDLC Controller byte wide input interface, will be
sampled upon the rising edge of the TxHDLCClk output signal.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com