Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS41 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS41
Description  Bipolar Hall-Effect Digital Position Sensor ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS41 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS41 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
• Small, leaded, flat TO-92-style package allows for a compact
PCB layout
• Wide operating voltage range of 4.5 Vdc to 24 Vdc allows
these sensors to be used in a variety of applications
• Current consumption of only 5 mA max. at 4.5 Vdc for
energy efficiency
• Bipolar magnetics for ring magnet applications with
alternating North and South poles
• Robust design: Will operate up to 150°C [302°F]
• RoHS-compliant materials meet Directive 2002/95/EC
POTENTIAL APPLICATIONS
• Industrial: Speed and RPM (revolutions per minute) sensing,
tachometer, counter pickup, flow-rate sensing, brushless dc
(direct current) motor commutation, motor and fan control,
robotics control
• Transportation: Speed and RPM (revolutions per minute)
sensing, tachometer, counter pickup, motor and fan control,
electric window lift, convertible roof position
• Medical: Motor assemblies, medication dispensing control
PORTFOLIO
Other bipolar digital position sensor ICs include:
• SS400 Series. SS500 Series (selected catalog listings)
• SS311PT, SS411P
• SS40F, SS40AF
• SS51T
• SS30AT, SS40A, SS50AT
Sensing and Internet of Things
DESCRIPTION
These small and versatile digital Hall-effect devices are
operated by the magnetic field from a permanent magnet
or an electromagnet, and are designed to respond to
alternating North and South poles. The built-in regulator
provides enhanced stability of operation from 4.5 Vdc to
24 Vdc supply voltage range, and internal circuitry is designed
to prevent sensor damage in case the supply voltage polarity
is accidentally reversed. The open-collector sinking output
voltage is easily interfaced with a wide variety of electronic
circuits. The SS41 is tested at both 25°C [77°F] and 125°C
[257°F]. For design flexibility, these product are available in
the following flat TO-92 package styles:
• SS41: Straight standard leads, bulk pack
• SS41-L: Straight long leads, bulk pack
• SS41-T2: Formed leads, ammopack tape-in-box
• SS41-T3: Straight standard leads, ammopack tape-in-box
• SS41-S: Surface mount, bulk pack
• SS41-SP: Surface mount, pocket tape and reel
Datasheet
Bipolar Hall-Effect Digital Position Sensor ICs:
SS41, SS41-L, SS41-T2, SS41-T3, SS41-S, SS41-SP
32312814
Issue B


Similar Part No. - SS41

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
logo
Honeywell Accelerometer...
SS41-L HONEYWELL-ACC-SS41-L Datasheet
433Kb / 9P
Interactive Catalog Replaces Catalog Pages
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
SOLID STATE SENSOR
logo
Honeywell Solid State E...
SS411A HONEYWELL-SS411A Datasheet
245Kb / 3P
Interactive Catalog Replaces Catalog Pages
SS411A HONEYWELL-SS411A Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
More results

Similar Description - SS41

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
Honeywell Solid State E...
SS361CT HONEYWELL-SS361CT Datasheet
388Kb / 4P
High Sensitivity Bipolar Latching,Hall-Effect Digital Sensor ICs
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Honeywell Accelerometer...
SS449A-T3 HONEYWELL-ACC-SS449A-T3 Datasheet
394Kb / 7P
Temperature Compensated Digital Hall-Effect Sensor ICs
logo
SEC Electronics Inc.
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Honeywell Solid State E...
SS41F HONEYWELL-SS41F Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
SS400 HONEYWELL-SS400_V01 Datasheet
394Kb / 7P
Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com