Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS314 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 1SS314
Description  Silicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

1SS314 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  1SS314 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 1SS314 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 1SS314 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SS314
Silicon Epitaxial Planar Switching Diode
2 / 3
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017
Ratings And Characteristic Curves
REVERSE VOLTAGE
VR (V)
Forward voltage
VF(V)
1
0 -3
-4
0
.4
0
1
0
-2
1
0
Ta=25
C
1.6
0
.8
1.2
2
.4
2
.0
2
.8
FORWARD CURRENT
IF(mA)
-1
1
0
1
0
.1
1
0
.5
0
.3
rs ( )
3
IF-VF
10
5
330
50
100
1
0
.3
3
0
.5
1
Ta=25
c
f=100MHz
rs
--IF
5
10
35
10
100
50
30
CT
--VR
Ta=25
c
f=1MHz
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com