Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS314 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 1SS314
Description  Silicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

1SS314 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  1SS314 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 1SS314 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 1SS314 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1SS314
Silicon Epitaxial Planar Switching Diode
3 / 3
Device
Package
Shipping
1SS314
SOD-323
3000/Tape&Reel(7inches)
Package Outline
SOD-323
A
mm
UNIT
b
D
CE
H
E
b
A
D
A
c
H
E
p
1.10
0.80
0.40
0.25
0.15
0.10
1.80
1.60
1.35
1.15
2.80
2.30
E
p
Ordering information
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com