Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3EC-PJ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # ES3EC-PJ
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

ES3EC-PJ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  ES3EC-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, ES3EC-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, ES3EC-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ES3AC-
PJ thru ES3JC-PJ
SUPERFAST RECOVERY RECTIFIERS
Case: SMC molded plastic body
Terminals: Solderable per MIL-STD-750
,Method 2026
Weight: Approximated 0.022 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derating by 20 %.
PARAMETER
SYMBOL
ES3AC
-
PJ
ES3BC
-
PJ
ES3CC
-
PJ
ES3DC
-
PJ
ES3EC
-
PJ
ES3GC
-
PJ
ES3JC
-
PJ
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Maximum Average Forward Rectified
Current at TC=125℃
IF(AV)
3.0
A
Peak Forward Surge Current (Note1)
IFSM
90
A
Maximum Forward Voltage at 3.0 A
VF
1
1.25
1.68
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage at TA=25℃
TA=125℃
IR
5
100
uA
Typical Junction Capacitance (Note2)
CJ
40
pF
Maximum Reverse Recovery Time (Note3)
Trr
35
nS
Typical Thermal Resistance (Note4)
RθJA
RθJC
40
16
℃/W
Operating and Storage Temperature Range TJ,TSTG
-55 to +150
℃
Notes: 1. Measured at 8.3 ms single half sine wave superimposed on rated load (JEDEC Method).
2. Measured at 1MHz and applied reverse voltage of 4 V D.C.
3. Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A.
4. P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
FEATURES
For surface mount applications
Glass passivated chip junction
Low profile package
Easy to pick and place
Lead free in comply with EU RoHS2011/65/EU directives
MECHANICAL DATA
PIN
NING
PIN
DESCRIPTION
1
Cathode
2
Anode
Top View
Marking Code: ES3A~ES3J
Simplified outline SMC and symbol
1
2
1 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017


Similar Part No. - ES3EC-PJ

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
ES3EC PACELEADER-ES3EC Datasheet
141Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
SUNMATE electronic Co.,...
ES3EC SUNMATE-ES3EC Datasheet
363Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
logo
Shanghai Yint Electroni...
ES3EC YINT-ES3EC Datasheet
613Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
UN Semiconducctor INC
ES3EC UNSEMI-ES3EC Datasheet
2Mb / 4P
Surface Mount Superfast Recovery Rectifier
Revision March 1,2022
logo
Galaxy Semi-Conductor H...
ES3ECF BILIN-ES3ECF Datasheet
420Kb / 4P
Super-Fast Rectifiers
More results

Similar Description - ES3EC-PJ

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF21 HY-SF21 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF31 HY-SF31 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF41 HY-SF41 Datasheet
35Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com