Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3EC-PJ Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # ES3EC-PJ
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

ES3EC-PJ Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  ES3EC-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, ES3EC-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, ES3EC-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UNIT 
A 
D 
E 
HE 
a 
c 
e 
g 
mm
max
2.5
7.0
6.0
8.1
0.21
0.35
3.1
1.5
min
2.1
6.7
5.7
7.7
0.05
0.25
2.9
0.9
mil
max
98
276
236
319
8.3
14
122
59
min
82
264
224
303
2.0
10
114
35
PACKAGE OUTLINE
SMC
Device
Package
Shipping
ES3AC-PJ thru ES3JC-PJ
SMC
3,000/ Tape & Reel (13 inches)
ORDERING INFORMATION
D
g
g
E
a
HE
A
c
Marking
Type number
Marking code
ES3A
ES3B
ES3C
ES3D
ES3E
ES3G
ES3J
ES3AC
-PJ
ES3BC
-PJ
ES3CC
-PJ
ES3DC
-PJ
ES3EC
-PJ
ES3GC
-PJ
ES3JC
-PJ
ES3AC-
PJ thru ES3JC-PJ
SUPERFAST RECOVERY RECTIFIERS
3 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com