Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMB14 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PEMB14
Description  PNP/PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMB14 Datasheet(HTML) 1 Page - NXP Semiconductors

  PEMB14 Datasheet HTML 1Page - NXP Semiconductors PEMB14 Datasheet HTML 2Page - NXP Semiconductors PEMB14 Datasheet HTML 3Page - NXP Semiconductors PEMB14 Datasheet HTML 4Page - NXP Semiconductors PEMB14 Datasheet HTML 5Page - NXP Semiconductors PEMB14 Datasheet HTML 6Page - NXP Semiconductors PEMB14 Datasheet HTML 7Page - NXP Semiconductors PEMB14 Datasheet HTML 8Page - NXP Semiconductors PEMB14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
PNP/PNP resistor-equipped transistors.
1.2 Features
s Built-in bias resistors
s Simplifies circuit design
s Reduces component count
s Reduces pick and place cost
1.3 Applications
s Low current peripheral driver
s Control of IC inputs
s Replacement of general-purpose transistors in digital applications
1.4 Quick reference data
PEMB14; PUMB14
PNP/PNP resistor-equipped transistors;
R1 = 47 k
Ω, R2 = open
Rev. 01 — 17 February 2005
Product data sheet
Table 1:
Product overview
Type number
Package
NPN/PNP
complement
NPN/NPN
complement
Philips
JEITA
PEMB14
SOT666
-
PEMD14
PEMH14
PUMB14
SOT363
SC-88
PUMD14
PUMH14
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−50
V
IO
output current (DC)
-
-
−100
mA
R1
bias resistor 1 (input)
33
47
61
k
Ω


Similar Part No. - PEMB14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB14 NXP-PEMB14 Datasheet
71Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02-31 August 2009
logo
Nexperia B.V. All right...
PEMB14 NEXPERIA-PEMB14 Datasheet
186Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02 - 31 August 2009
logo
NXP Semiconductors
PEMB14 PHILIPS-PEMB14_15 Datasheet
71Kb / 10P
PNP/PNP resistor-equipped transistors
Rev. 02-31 August 2009
More results

Similar Description - PEMB14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB2 PHILIPS-PEMB2 Datasheet
53Kb / 8P
PNP resistor-equipped double transistor R1 = 47 kohm, R2 = 47 kohm
2001 Sep 14
PEMD10 PHILIPS-PEMD10 Datasheet
47Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 11
PEMD13 PHILIPS-PEMD13 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Sep 11
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PDTA114Y PHILIPS-PDTA114Y Datasheet
92Kb / 14P
PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = 47 kOHM
2004 Aug 02
PUMD13 PHILIPS-PUMD13 Datasheet
56Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2003 Oct 08
PDTA114T PHILIPS-PDTA114T Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
PDTA124X PHILIPS-PDTA124X Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
2004 Aug 04
PDTA143T PHILIPS-PDTA143T Datasheet
89Kb / 14P
PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
2004 Aug 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com