Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C331MNTF18A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C331MNTF18A
Description  3.3V 1M x 18 Flowthrough Synchronous SRAM with NTD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MNTF18A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C331MNTF18A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C331MNTF18A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C331MNTF18A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C331MNTF18A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C331MNTF18A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C331MNTF18A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C331MNTF18A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C331MNTF18A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C331MNTF18A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
December 2004
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C331MNTF18A
12/23/04, v 1.2
Alliance Semiconductor
P. 1 of 18
3.3V 1M x 18 Flowthrough Synchronous SRAM with NTDTM
Features
• Organization: 1,048,576 words × 18 bits
•NTD™ architecture for efficient bus operation
• Fast clock to data access: 7.5/8.5/10 ns
•Fast OE access time: 3.5/4.0 ns
• Fully synchronous operation
• Flow-through mode
• Asynchronous output enable control
• Available in 100-pin TQFP package
• Individual byte write and global write
• Clock enable for operation hold
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• Self-timed write cycles
• Interleaved or linear burst modes
• Snooze mode for standby operation
Logic block diagram
Selection guide
-75
-85
-10
Units
Minimum cycle time
8.5
10
12
ns
Maximum clock access time
7.5
8.5
10
ns
Maximum operating current
275
250
230
mA
Maximum standby current
90
80
80
mA
Maximum CMOS standby current (DC)
60
60
60
mA
Address
D
Q
CLK
register
Output
buffer
DQ [a,b]
20
20
CLK
CE0
CE1
CE2
A[19:0]
OE
CEN
Control
CLK
logic
Data
D
Q
CLK
input
register
18
18
OE
1M x 18
SRAM
array
R/W
DQ [a,b]
BWa
BWb
CLK
Q
D
ADV / LD
LBO
burst logic
addr. registers
Write delay
20
ZZ
CLK
18
18
18
18


Similar Part No. - AS7C331MNTF18A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C331MNTF32A ALSC-AS7C331MNTF32A Datasheet
416Kb / 18P
3.3V 1M x 32/36 Flowthrough SRAM with NTD
AS7C331MNTF32A-10TQC ALSC-AS7C331MNTF32A-10TQC Datasheet
416Kb / 18P
3.3V 1M x 32/36 Flowthrough SRAM with NTD
AS7C331MNTF32A-10TQCN ALSC-AS7C331MNTF32A-10TQCN Datasheet
416Kb / 18P
3.3V 1M x 32/36 Flowthrough SRAM with NTD
AS7C331MNTF32A-10TQI ALSC-AS7C331MNTF32A-10TQI Datasheet
416Kb / 18P
3.3V 1M x 32/36 Flowthrough SRAM with NTD
AS7C331MNTF32A-10TQIN ALSC-AS7C331MNTF32A-10TQIN Datasheet
416Kb / 18P
3.3V 1M x 32/36 Flowthrough SRAM with NTD
More results

Similar Description - AS7C331MNTF18A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C251MNTF18A ALSC-AS7C251MNTF18A Datasheet
433Kb / 18P
2.5V 1M x 18 Flowthrough Synchronous SRAM with NTD
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
3.3V 1M x 18 Pipelined SRAM with NTD
AS7C331MNTF32A ALSC-AS7C331MNTF32A Datasheet
416Kb / 18P
3.3V 1M x 32/36 Flowthrough SRAM with NTD
AS7C332MNTF18A ALSC-AS7C332MNTF18A Datasheet
417Kb / 18P
3.3V 2M x 18 Flowthrough SRAM with NTD
AS7C3364NTF32B ALSC-AS7C3364NTF32B Datasheet
418Kb / 19P
3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF18B ALSC-AS7C33128NTF18B Datasheet
429Kb / 19P
3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF32B ALSC-AS7C33128NTF32B Datasheet
416Kb / 18P
3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33256NTF18B ALSC-AS7C33256NTF18B Datasheet
427Kb / 18P
3.3V 256K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF18A ALSC-AS7C33512NTF18A Datasheet
425Kb / 18P
3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com