Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS34F-PJ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # SS34F-PJ
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

SS34F-PJ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  SS34F-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, SS34F-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, SS34F-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS32F-PJ thru SSF320-PJ
Case: SMAF molded plastic body
Terminals: Solderable per MIL-STD-750, Method 2026
Weight: Approximated 0.027 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derating by 20 %.
PARAMETER
SYMBOL SS32F
-PJ
SS34F
-PJ
SS34AF
-PJ
SS36F
-PJ
SS38F
-PJ
SS310F
-PJ
SS312F
-PJ
SS315F
-PJ
SS320F
-PJ
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
40
45
60
80
100
120
150
200
V
Maximum RMS Voltage
VRMS
14
28
31.5
42
56
70
84
105
140
V
Maximum DC Blocking Voltage
VDC
20
40
45
60
80
100
120
150
200
V
Maximum Average Forward Rectified
Current at TC=75℃
IF(AV)
3.0
A
Peak Forward Surge Current (Note1)
IFSM
80
A
Maximum Forward Voltage at 3.0 A
VF
0.55
0.70
0.85
0.95
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage at TA=25℃
TA=100℃
IR
0.5
5
0.3
3
mA
Typical Junction Capacitance (Note2)
CJ
250
180
pF
Typical Thermal Resistance (Note3)
RθJA
70
℃
/W
Operating Junction Temperature Range
TJ
-55 to +125
℃
Notes: 1. Measured at 8.3 ms single half sine wave superimposed on rated load (JEDEC Method).
2. Measured at 1MHz and applied reverse voltage of 4 V D.C.
3. P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
FEATURES
For surface mount applications
High forward surge current capability
Low power loss,high efficiency
Metal silicon junction,majority carriers conduction
MECHANICAL DATA
PIN
DESCRIPTION
1
Cathode
2
Anode
PINNING
1
2
Top View
Marking Code: SS32~SS320
Simplified outline SMAF and symbol
Storage Temperature Range
TSTG
-55 to +150
℃
1 / 3
www.pingjingsemi.com
Revision:1.0 Oct-2017
RθJC
18
Schottky Barrier Rectifier


Similar Part No. - SS34F-PJ

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SS34F-40V-SMAF DGNJDZ-SS34F-40V-SMAF Datasheet
319Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
SS34F-HF COMCHIP-SS34F-HF Datasheet
468Kb / 4P
SMD Schottky Barrier Rectifiers
REV:A
More results

Similar Description - SS34F-PJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com